Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT43USB355_06 Datasheet HTML 1Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 2Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 3Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 4Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 5Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 6Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 7Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 8Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 115 page
background image
5
AT43USB355
2603G–USB–04/06
PD[0:7]
Bi-directional
Port D[0:7] – Bi-directional I/O ports with 2 mA drive strength and a programmable
pull-up resistor. PortD[2,3,5,6] have dual functions as shown below:
Port Pin
Alternate Function
PD2
INT0, External Interrupt 0
PD3
INT1, External Interrupt 1
PD5
OC1A Timer/Counter1 Output Compare A
PD6
OC1B Timer/Counter1 Output Compare B
PF[1:3]
Bi-directional
Port F[1:3] – Bi-directional 3-bit I/O port with 2 mA drive strength and a
programmable pull-up resistor. In the AT43USB355E, PF[1:3] pins have dual
functions as the interface pins to the serial EEPROM. After program memory
downloading is complete, PF3 has a third function as Timer/Counter1 Input
Capture, ICP.
Port Pin
Alternate Function
PF1
SCK, SPI Master Clock Out
PF2
MOSI, SPI Slave Data Input
PF3
MISO, SPI Slave Data Out. ICP after download complete
SSN/NC
Output
Slave Select – In the AT43USB355E, this pin enables the external serial memory.
In the AT43USB355M, this pin has no function and can be left floating or connected
to VCEXT.
ADC[0:11]
Input
ADC Input[0:11] – 12-bit input pins for the ADC.
AREF
Input
Analog Reference – Input for the ADC.
TEST
Input
Test Pin – This pin should be tied to ground.
RESETN
Input
Reset – Active Low.
Signal Description (Continued)
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com