Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT43USB355_06 Datasheet HTML 1Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 2Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 3Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 4Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 5Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 6Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 7Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 8Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 115 page
background image
4
AT43USB355
2603G–USB–04/06
Signal Description
Name
Type
Function
VCC1, 2, 3
Power Supply/Ground
5V Digital Power Supply
V
CCA
Power Supply/Ground
5V Power Supply for the ADC
VSS1, 2, 3
Power Supply/Ground
Digital Ground
VSSA
Power Supply/Ground
Ground for the ADC
CEXT1, 2, 3
Power Supply/Ground
External Capacitors for Power Supplies – High quality 2.2 µF capacitors must be
connected to CEXT1, 2 and 3 for proper operation of the chip.
CEXTA
Power Supply/Ground
External Capacitor for Analog Power Supply – A high quality 0.33 µF capacitor
must be connected to CEXTA for proper operation of the chip.
XTAL1
Input
Oscillator Input – Input to the inverting oscillator amplifier.
XTAL2
Output
Oscillator Output – Output of the inverting oscillator amplifier.
LFT
Input
PLL Filter – For proper operation of the PLL, this pin should be connected through
a 0.01 µF capacitor in parallel with a 100
Ω resistor in series with a 0.1 µF capacitor
to ground (VSS). Both capacitors must be high quality ceramic.
DPO
Bi-directional
Upstream Plus USB I/O – This pin should be connected to CEXT1 through an
external 1.5 k
Ω.
DMO
Bi-directional
Upstream Minus USB I/O
DP[2,3]
Bi-directional
Downstream Plus USB I/O – Each of these pins should be connected to VSS
through an external 15 k
Ω resistor. DP[2,3] and DM[2,3] are the differential signal
pin pairs to connect downstream USB devices.
DM[2,3]
Bi-directional
Downstream Minus USB I/O – Each of these pins should be connected to VSS
through an external 15 k
Ω resistor.
PA[0:7]
Bi-directional
Port A[0:7] – Bi-directional 8-bit I/O port with 2 mA drive strength and a
programmable pull-up resistor.
PB[0:7]
Bi-directional
Port B[0:7] – Bi-directional 8-bit I/O port with 2 mA drive strength and a
programmable pull-up resistor. PB[0,1,4:7] have dual functions as shown below:
Port Pin
Alternate Function
PB0
T0, Timer/Counter0 External Input
PB1
T1, Timer/Counter1 External Input
PB4
SSN, SPI Slave Port Select or SCL, I2C Serial Bus Clock
PB5
MOSI, SPI Slave Port Select Input
PB6
MISO, SPI Master Data In, Slave Data Out
PB7
SCK, SPI Master Clock Out, Slave Clock In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com