Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 56Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 57Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 58Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 59Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 60Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 61Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 62Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 63Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 115 page
background image
60
AT43USB355
2603G–USB–04/06
Operation
The ADC converts an analog input voltage to a 10-bit digital value through successive approx-
imation. The minimum value represents V
SSA and the maximum value represents the voltage
on the V
REF pin minus one LSB. The analog input channel is selected by writing to the MUX
bits in ADMUX. Any of the twelve ADC input pins ADC11 – 0 can be selected as single-ended
inputs to the ADC.
The ADC can operate in two modes – Single Conversion and Free Running. In Single Conver-
sion Mode, each conversion will have to be initiated by the user. In Free Running Mode, the
ADC is constantly sampling and updating the ADC Data Register. The ADFR bit in ADCSR
selects between the two available modes.
The ADC is enabled by setting the ADC Enable bit, ADEN in ADCSR. Input channel selections
will not go into effect until ADEN is set. The ADC does not consume power when ADEN is
cleared, so it is recommended to switch off the ADC before entering power-saving sleep
modes.
A conversion is started by writing a logical “1” to the ADC Start Conversion bit, ADSC. This bit
stays high as long as the conversion is in progress and will be set to zero by the hardware
when the conversion is completed. If a different data channel is selected while a conversion is
in progress, the ADC will finish the current conversion before performing the channel change.
The ADC generates a 10-bit result, which is presented in the ADC data register, ADCH and
ADCL. When reading data, ADCL must be read first, then ADCH, to ensure that the content of
the data register belongs to the same conversion. Once ADCL is read, ADC access to data
register is blocked. This means that if ADCL has been read and a conversion completes
before ADCH is read, neither register is updated and the result from the conversion is lost.
Then ADCH is read, ADC access to the ADCH and ADCL register is re enabled.
The ADC has its own interrupt that can be triggered when a conversion completes. When ADC
access to the data registers is prohibited between reading of ADCH and ADCL, the interrupt
will trigger even if the result is lost.
Figure 23. ADC Prescaler
ADPS0
ADPS1
ADPS2
ADEN
CK
ADC Clock Source
7-bit ADC Prescaler
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com