Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 20Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 21Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 22Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 23Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 24Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 25Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 26Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 27Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 115 page
background image
24
AT43USB355
2603G–USB–04/06
External Reset
An external reset is generated by a low-level on the RESETN pin. Reset pulses longer than
200 ns will generate a reset. Shorter pulses are not guaranteed to generate a reset. When the
applied signal reaches the Reset Threshold Voltage - V
RST on its positive edge, the delay timer
starts the MCU after the Time-out period t
TOUT has expired.
Figure 10. External Reset During Operation
Watchdog Timer
Reset
When the watchdog times out, it will generate a short reset pulse of 1 XTAL cycle duration. On
the falling edge of this pulse, the delay timer starts counting the Time-out period t
TOUT.
Figure 11. Watchdog Reset During Operation
Non-USB Related
Interrupt Handling
The AT43USB355 has two non-USB 8-bit Interrupt Mask control registers; GIMSK (General
Interrupt Mask Register) and TIMSK (Timer/Counter Interrupt Mask Register).
When an interrupt occurs, the Global Interrupt Enable I-bit is cleared (zero) and all interrupts
are disabled. The user software can set (one) the I-bit to enable nested interrupts. The I-bit is
set (one) when a Return from Interrupt instruction, RETI, is executed.
For Interrupts triggered by events that can remain static (e.g. the Output Compare register1
matching the value of Timer/Counter1) the interrupt flag is set when the event occurs. If the
interrupt flag is cleared and the interrupt condition persists, the flag will not be set until the
event occurs the next time.
When the Program Counter is vectored to the actual interrupt vector in order to execute the
interrupt handling routine, hard-ware clears the corresponding flag that generated the inter-
rupt. Some of the interrupt flags can also be cleared by writing a logic one to the flag bit
position(s) to be cleared.
tTOUT
VRST
VCC
RESET
TIME-OUT
INTERNAL
RESET
tTOUT
VCC
RESET
WDT
TIME-OUT
RESET
TIME-OUT
1 XTAL Cycle
INTERNAL
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com