Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 88Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 89Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 90Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 91Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 92Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 93Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 94Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 95Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 115 page
background image
92
AT43USB355
2603G–USB–04/06
Hub Status Register
In the AT43USB355 overcurrent detection and port power switch control output processing is
done in firmware. The hardware is designed so that various types of hubs are possible just
through firmware modifications.
1.
Hub local power status, bits 0 and 2, are optional features and apply to hubs that report
on a global basis. If this feature is not used, both these bits should be programmed to
0. To use this feature, the firmware needs to know the status of the local power supply,
which requires an input pin and extra internal or external circuitry.
2.
Hub overcurrent status, bits 1 and 3, apply to self powered hubs with bus powered SIE
only, or hubs that are programmable as self/bus powered. The firmware should clear
these two bits to 0.
The firmware uses bits 1 and 3 to generate bit 0 of the Hub and Port Status Change Bitmap
which is transmitted through the Hub End-point1 Data Register. Bit 0 of this register is a 1
whenever bit 1 or 3 of HSTATR is a 1.
Hub Status Register – HSTR
• Bit 7..4 – Reserved
These bits are reserved in the AT43USB355 and will read as zero.
• Bit 3 – OVLSC: Overcurrent Status Change
0 = No change has occurred on Overcurrent Indicator
1 = Overcurrent Indicator has changed
• Bit 2 – LPSC: Hub Local Power Status Change
0 = No change has occurred on Local Power Status
1 = Local Power Status has changed
• Bit 1 – OVI: Overcurrent Indicator
0 = All power operations normal
1 = An overcurrent exist on a hub wide basis
• Bit 0 – LPS: Hub Local Power Status
0 = Local power supply is good
1 = Local power supply is lost (inactive)
Bit
7
6
543
2
1
0
$1FC7
–
–
–
–
OVLSC
LPSC
OVI
LPS
HSTR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com