Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 19Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 20Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 21Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 22Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 23Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 24Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 25Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 26Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
23
AT43USB355
2603G–USB–04/06
When the USB hardware is reset, the compound device is de-configured and has to be re-
enumerated by the host. When the microcontroller is reset, all I/O registers are then set to their
initial values, and the program starts execution from address $000. The instruction placed in
address $000 must be a JMP instruction to the reset handling routine. If the program never
enables an interrupt source, the interrupt vectors are not used, and regular program code can
be placed at these locations. The circuit diagram in Figure 9 shows the reset logic.
Figure 9. Reset Logic
Power-on Reset
A Power-on Reset (POR) circuit ensures that the device is reset from power-on. An internal
timer clocked from the Watchdog timer oscillator prevents the MCU from starting until after a
certain period after V
CC has reached the power-on threshold voltage, regardless of the VCC
rise time.
If the build-in start-up delay is sufficient, RESETN can be connected to V
CC directly or via an
external pull-up resistor. By holding the pin low for a period after V
CC has been applied, the
Power-on Reset period can be extended.
FSTRT
Cntr Reset
USB Reset
OR
POR Ckt
Reset Ckt
Watchdog Timer
Divider
14-bit Cntr
VCC
RSTN
1 MHz Clock
S
R
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com