Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 49Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 50Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 51Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 52Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 53Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 54Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 55Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 56Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 115 page
background image
53
AT43USB355
2603G–USB–04/06
Serial Peripheral
Interface (SPI)
The Serial Peripheral Interface (SPI) allows high-speed synchronous data transfer between
the AT43USB355 and peripheral devices or between several AVR devices. The AT43USB355
SPI features include the following:
•
Full-duplex, 3-wire Synchronous Data Transfer
•
Master or Slave Operation
•
LSB First or MSB First Data Transfer
•
Four Programmable Bit Rates
•
End of Transmission Interrupt Flag
•
Write Collision Flag Protection
•
Wakeup from Idle Mode (Slave Mode Only)
Figure 18. SPI Block Diagram
SELECT
SPI Clock (Master)
Clock
Logic
Clock
SPI Control
SPI Status Register
88
SPI Control Register
S
M
M
S
MISO
PB6
MOSI
PB5
SCK
PB7
SS
PB4
8-bit Shift Register
Read Data Buffer
Divider
4 16 64 128
MSTR
SPE
MSB
LSB
SYSCLK
8
S
M
SPI Interrupt
Request
Internal
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com