Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 3Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 4Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 5Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 6Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 7Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 8Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 9Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 10Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
7
AT43USB355
2603G–USB–04/06
Architectural
Overview
The AT43USB355 is available in 2 versions. The program memory of the AT43USB355E is an
SRAM that is automatically written from an external serial EEPROM during power-on. The
AT43USB355M has a masked ROM program memory. The two versions are pin, function and
binary compatible.
The peripherals and features of the AT43USB355 microcontroller are similar to those of the
AT90S8515, with the exception of the following modifications:
•
The AT43USB355E has a downloadable SRAM and the AT43USB355M has a masked
ROM for program memory
•
No EEPROM
•
No external data memory accesses
•No UART
•
Idle mode not supported
•
USB Hub with attached function
•
On-chip ADC
The embedded USB hardware of the AT43USB355 is a compound device, consisting of a 3
port hub with a permanently attached function on one port. The hub and attached function are
two independent USB devices, each having its own device addresses and control end-points.
The hub has its dedicated interrupt end-point, while the USB function has 3 additional pro-
grammable end-points with separate FIFOs. Two of the FIFOs are 64 bytes deep and the third
is 8 bytes deep.
The microcontroller always runs from a 12 MHz clock that is generated by the USB hardware.
While the nominal and average period of this clock is 83.3 ns, it may have single cycles that
deviate by ±20.8 ns during a phase adjustment by the SIE's clock/data separator of the USB
hardware.
The microcontroller shares most of the control and status registers of the megaAVR Microcon-
troller Family. The registers for managing the USB operations are mapped into its SRAM
space. The I/O section on page 16 summarizes the available I/O registers. The “AVR Register
Set” on page 37 covers the AVR registers. Please refer to the Atmel AVR manual for more
information.
The fast-access register file concept contains 32 x 8-bit general-purpose working registers
with a single clock cycle access time. This means that during one single clock cycle, one Arith-
metic Logic Unit (ALU) operation is executed. Two operands are output from the register file,
the operation is executed, and the result is stored back in the register file – in one clock cycle.
Six of the 32 registers can be used as three 16-bit indirect address register pointers for Data
Space addressing - enabling efficient address calculations. One of the three address pointers
is also used as the address pointer for look-up tables in program memory. These added func-
tion registers are the 16-bit X-, Y- and Z-registers.
The ALU supports arithmetic and logic operations between registers or between a constant
and a register. Single register operations are also executed in the ALU. Figure 3 on page 6
shows the AT43USB355 AVR Enhanced RISC microcontroller architecture.
In addition to the register operation, the conventional memory addressing modes can be used
on the register file as well. This is enabled by the fact that the register file is assigned the 32
lowest Data Space addresses ($00 - $1 F), allowing them to be accessed as though they were
ordinary memory locations.
The I/O memory space contains 64 addresses for CPU peripheral functions as Control Regis-
ters, Timer/Counters, and other I/O functions. The I/O Memory can be accessed directly, or as
the Data Space locations following those of the register file, $20 - $5F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com