Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 40Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 41Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 42Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 43Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 44Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 45Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 46Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 47Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 115 page
background image
44
AT43USB355
2603G–USB–04/06
Timer/Counter1 Control Register A – TCCR1A
• Bits 7, 6 – COM1A1, COM1A0: Compare Output Mode1A, Bits 1 and 0
The COM1A1 and COM1A0 control bits determine any output pin action following a compare
match in Timer/Counter1. Any output pin actions affect pin OC1A (Output CompareA) pin 1.
This is an alternative function to an I/O port and the corresponding direction control bit must be
set (one) to control the output pin. The control configuration is shown in Table 12.
• Bits 5, 4 – COM1B1, COM1B0: Compare Output Mode1B, Bits 1 and 0
The COM1B1 and COM1B0 control bits determine any output pin action following a compare
match in Timer/Counter1. Any output pin actions affect pin OC1B (Output CompareB). The fol-
lowing control configuration is given:
Note:
1. X = A or B
2. In PWM mode, these bits have a different function. Refer to Table 16 for a detailed
description.
• Bits 3..2 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and always read zero.
• Bits 1..0 – PWM11, PWM10: Pulse Width Modulator Select Bits 1 and 0
These bits select PWM operation of Timer/Counter1 as specified in Table 13.
Bit
7
6
543
2
1
0
$2F ($4F)
COM1A1
COM1A0
COM1B1
COM1B0
–
–
PWM11
PWM10
TCCR1A
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 12. Compare 1 Mode Select
(2)
COM1X1
COM1X0
Description
0
0
Timer/Counter1 disconnected from output pin OC1X.(1)
0
1
Toggle the OC1X output line.(1)
1
0
Clear the OC1X output line (to zero).(1)
1
1
Set the OC1X output line (to one).(1)
Table 13. PWM Mode Select
PWM11
PWM10
Description
0
0
PWM operation of Timer/Counter1 is disabled.
0
1
Timer/Counter1 is an 8-bit PWM.
1
0
Timer/Counter1 is a 9-bit PWM.
1
1
Timer/Counter1 is a 10-bit PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com