Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 53Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 54Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 55Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 56Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 57Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 58Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 59Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 60Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 115 page
background image
57
AT43USB355
2603G–USB–04/06
SPI Control Register – SPCR
•Bit 7 – SPIE: SPI Interrupt Enable
This bit causes the SPI interrupt to be executed if SPIF bit in the SPSR register is set and the
global interrupts are enabled.
•Bit 6 – SPE: SPI Enable
When the SPE bit is set (one), the SPI is enabled. This bit must be set to enable any SPI
operations.
•Bit 5 – DORD: Data Order
When the DORD bit is set (one), the LSB of the data word is transmitted first.
When the DORD bit is cleared (zero), the MSB of the data word is transmitted first.
•Bit 4 – MSTR: Master/Slave Select
This bit selects Master SPI mode when set (one), and Slave SPI mode when cleared (zero). If
SS is configured as an input and is driven low while MSTR is set, MSTR will be cleared, and
SPIF in SPSR will become set. The user will then have to set MSTR to re-enable SPI master
mode.
•Bit 3 – CPOL: Clock Polarity
When this bit is set (one), SCK is high when idle. When CPOL is cleared (zero), SCK is low
when idle. Refer to Figure 20 and Figure 21 for additional information.
•Bit 2 – CPHA: Clock Phase
Refer to Figure 20 or Figure 21 for the functionality of this bit.
• Bits 1,0 – SPR1, SPR0: SPI Clock Rate Select 1 and 0
These two bits control the SCK rate of the device configured as a master. SPR1 and SPR0
have no effect on the slave. The relationship between SCK and the Oscillator Clock frequency
f
CL is shown in the following table:
Bit
7
6
5
4
3
2
1
0
$0D ($2D)
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
SPCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 20. Relationship Between SCK and the Oscillator Frequency
SPR1
SPR0
SCK Frequency
00
3 MHz
0
1
750 kHz
1
0
187.5 kHz
1
1
93.75 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com