Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 128 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 124Page - Texas Instruments CC1010-RTY1 Datasheet HTML 125Page - Texas Instruments CC1010-RTY1 Datasheet HTML 126Page - Texas Instruments CC1010-RTY1 Datasheet HTML 127Page - Texas Instruments CC1010-RTY1 Datasheet HTML 128Page - Texas Instruments CC1010-RTY1 Datasheet HTML 129Page - Texas Instruments CC1010-RTY1 Datasheet HTML 130Page - Texas Instruments CC1010-RTY1 Datasheet HTML 131Page - Texas Instruments CC1010-RTY1 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 152 page
background image
CC1010
SWRS047
Page 128 of 152
17.22 Optional LC Filter
An optional low-pass LC filter may be
added between the antenna and the
matching network in certain applications.
The filter will reduce the emission of
harmonics and increase the receiver
selectivity.
The filter topology is shown in Figure 44.
Component values are given in Table 38.
The
filter
is
designed
for
50
terminations. The component values may
have to be tuned to compensate for layout
parasitics.
The design equations for a 3dB equal
ripple filter are:
1333
.
0
1
1
2
RF
C
f
π
ω
C
L
ω
6
.
35
=
,
C
C
ω
067
.
0
=
where
ωc is the cut-off frequency and fRF is
the transmitted RF frequency.
L71
C71
C72
L71
C71
C72
Figure 44. LC Filter
Item
315 MHz
434 MHz
869 MHz
915 MHz
C71
30 pF
20 pF
10 pF
10 pF
C72
30 pF
20 pF
10 pF
10 pF
L71
15 nH
12 nH
5.6 nH
4.7 nH
Table 38. LC Filter component values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com