Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 130 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 126Page - Texas Instruments CC1010-RTY1 Datasheet HTML 127Page - Texas Instruments CC1010-RTY1 Datasheet HTML 128Page - Texas Instruments CC1010-RTY1 Datasheet HTML 129Page - Texas Instruments CC1010-RTY1 Datasheet HTML 130Page - Texas Instruments CC1010-RTY1 Datasheet HTML 131Page - Texas Instruments CC1010-RTY1 Datasheet HTML 132Page - Texas Instruments CC1010-RTY1 Datasheet HTML 133Page - Texas Instruments CC1010-RTY1 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 152 page
background image
CC1010
SWRS047
Page 130 of 152
FSCTRL (0xEC) - Frequency Synthesiser Control Register
Bit
Name
R/W
Reset value
Description
7:5
-
R0
0x00
Reserved, read as 0
4
EXT_FILTER
R/W
0
Setting for external loop filter (not recommended)
0 : Internal loop filter (recommended)
1 : External loop filter
3
DITHER1
R/W
0
Reserved for future use. Write as 0.
2
DITHER0
R/W
0
Reserved for future use. Write as 0.
1
SHAPE
R/W
0
Reserved for future use. Write as 0.
0
FS_RESET_N
R/W
1
Separate reset of frequency synthesiser
0 : Frequency synthesiser is reset
1 : Frequency synthesiser reset is released
PRESCALER (0xE6) - Prescaler Control Register
Bit
Name
R/W
Reset value
Description
7
PRE_SWING
(1:0)
R/W
00
Prescaler swing. Fractions for PRE_CURRENT[1:0] =
00
00 : 1
* Nominal Swing
01 : 2/3 * Nominal Swing
10 : 7/3 * Nominal Swing
11 : 5/3 * Nominal Swing
5
PRE_CURRENT
(1:0)
R/W
00
Prescaler current scaling
00 : 1
* Nominal Current
01 : 2/3 * Nominal Current
10 : 1/2 * Nominal Current
11 : 2/5 * Nominal Current
3
IF_INPUT
R/W
0
0 : Nominal setting
1 :
AD2(RSSI/IF) pin is input to IF-strips
2
IF_FRONT
R/W
0
0 : Nominal setting
1 : Output of IF_Front_amp is switched to the
AD2(RSSI/IF) pin
1
-
R/W
0
Reserved for future use, always write 0
0
-
R/W
0
Reserved for future use, always write 0
TESTMUX (0xEF) - Test Multiplexer Control Register (for prototype testing)
Bit
Name
R/W
Reset value
Description
7:4
-
R0
0x00
Reserved, read as 0
3:0
TESTMUX
(3:0)
R/W
0x00
Select internal test signals to be output to
P0(2:0).
This function is enabled when
TESTMUX ≠ 0000. The
port directions are still set by
P0DIR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com