Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 116 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 116 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 112Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 113Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 114Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 115Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 116Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 117Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 118Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 119Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 120Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
114/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Coaxial Protocol
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x09
/
0x89
CHx_COAX_SW_RST
[5]
0x08
0x08
CHx_COAX_SW_RST (x = Channel Number)
: Coaxial Software Reset
CHx_CNT_MODE
[3]
CHx_CNT_MODE (x = Channel Number)
: A-CP Protocol Enable Signal
CHx_TX_START
[0]
CHx_TX_START (x = Channel Number)
: A-CP Protocol Enable Signal
0x0A
/
0x8A
CHx_TX_BYTE_LENGTH
[4:0]
0x03
0x03
CHx_TX_BYTE_LENGTH (x = Channel Number)
: Transmission amount In Samsung and A-CP Protocol
0x0B
/
0x8B
CHx_PELCO_8BIT
[7]
0x10
0x10
CHx_PELCO_8BIT (x = Channel Number)
: Pelco Protocol 8Bit mode Selection
0
:
Pelco Protocol Exp mode
1
:
Pelco Protocol 8bit mode
CHx_LINE_8BIT
[5]
CHx_LINE_8BIT (x = Channel Number)
: A-CP Protocol Origin Mode Selection
0
:
Samsung & Pelco Protocol Mode
1
:
A-CP Protocol Origin Mode
CHx_PACKET_MODE
[2:0]
CHx_PACKET_MODE (x = Channel Number)
: Coaxial Protocol Type
0
:
Reserved
1
:
Samsung Protocol 4 Line Mode
2
:
Pelco Protocol Origin Mode
4
:
Pelco Protocol Exp mode(Pelco_32bit Mode)
0x0C
/
0x8C
CHx_PELCO_CTEN
[0]
0x00
0x00
CHx_PELCO_CTEN (x = Channel Number)
: PELCO Protocol Enable Bit (Active High)
0x0D
/
0x8D
BL_HSP [7:0]
[7:0]
0x30
0x30
CHx_BL_HSP (x = Channel Number)
: Start Point in Coaxial Protocol Active Line
0x0E
/
0x8E
BL_HSP [11:8]
[4:0]
0x04
0x04
0x0F
/
0x8F
CHx_PELCO_SHOT
[0]
0x00
0x00
CHx_PELCO_SHOT (x = Channel Number)
: PELCO Protocol One Operation Enable signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com