Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 19Page - NXP Semiconductors IMX7DCEC Datasheet HTML 20Page - NXP Semiconductors IMX7DCEC Datasheet HTML 21Page - NXP Semiconductors IMX7DCEC Datasheet HTML 22Page - NXP Semiconductors IMX7DCEC Datasheet HTML 23Page - NXP Semiconductors IMX7DCEC Datasheet HTML 24Page - NXP Semiconductors IMX7DCEC Datasheet HTML 25Page - NXP Semiconductors IMX7DCEC Datasheet HTML 26Page - NXP Semiconductors IMX7DCEC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
23
4.1.3
Operating ranges
Table 9 provides the operating ranges of the i.MX 7Dual family of processors. For details on the chip's
power structure, see the “Power Management Unit (PMU)” chapter of the i.MX 7Dual Application
Processor Reference Manual (IMX7DRM).
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Table 9. Operating ranges
Parameter
Description
Symbol
Min
Typ
Max1
Unit
Comment
Run Mode
VDD_ARM
0.95
1.0
1.25
V
Operation at 800 MHz and
below
1.045
1.1
1.25
V
Operation between 800 MHz
and 1 GHz
1.2
1.225
1.25
V
Operation between 1.0 GHz
and 1.2 GHz. See Table 1 for
maximum frequencies.
VDD_SOC
0.95
1.0
1.25
V
—
Standby/
Deep Sleep
mode
VDD_ARM
0
1.0
1.25
V
See Table 14, “Power modes,”
on page 29.
VDD_SOC
0.95
1.0
1.155
V
Power
Supply
Analog
Domain and
LDOs
VDDA_1P8
1.71
1.8
1.89
V
Power for analog LDO and
internal analog blocks. Must
match the range of voltages
that the rechargeable backup
battery supports.
Backup
battery
supply range
VDD_SNVS_IN
2.4
3.0
3.6
V
—
LDO for
Low-Power
State
Retention
mode
VDD_LPSR
1.71
1.8
1.89
V
Power rail for Low Power State
Retention mode
Supply for 24
MHz crystal
VDD_XTAL_1P8
1.650
1.8
1.950
V
—
Temperature
sensor
VDD_TEMPSENSOR
1.710
1.8
1.890
V
—
USB supply
voltages
VDD_USB_OTG1_3
P3_IN
3.0
3.3
3.6
V
This rail is for USB
VDD_USB_OTG2_3
P3_IN
3.0
3.3
3.6
V
This rail is for USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com