Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 2Page - NXP Semiconductors IMX7DCEC Datasheet HTML 3Page - NXP Semiconductors IMX7DCEC Datasheet HTML 4Page - NXP Semiconductors IMX7DCEC Datasheet HTML 5Page - NXP Semiconductors IMX7DCEC Datasheet HTML 6Page - NXP Semiconductors IMX7DCEC Datasheet HTML 7Page - NXP Semiconductors IMX7DCEC Datasheet HTML 8Page - NXP Semiconductors IMX7DCEC Datasheet HTML 9Page - NXP Semiconductors IMX7DCEC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 161 page
background image
i.MX 7Dual introduction
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
6
— One parallel 24-bit display port
— One EPD port
— One MIPI DSI port
• Camera sensors:
— One parallel Camera port (up to 24 bit and up to 133 MHz peak)
— One MIPI-CSI port
• Expansion cards:
— Three MMC/SD/SDIO card ports all supporting the following. Moreover, the third port can
support HS400.
– 1-bit or 4-bit transfer mode specifications for SD and SDIO cards, up to 208 MHz
– 1-bit, 4-bit, or 8-bit transfer mode specifications for MMC cards up to 200 MHz in both
SDR and DDR modes, including HS200 and HS400 DDR modes
• USB:
— Two high-speed (HS) USB 2.0 OTG (Up to 480 Mbps), with integrated HS USB PHY
— One high-speed USB 2.0 (480 Mbps) host with integrated HSIC USB (high-speed inter-chip
USB) PHY
• Expansion PCI Express port (PCIe) v. 2.1 one lane
— PCI Express (Gen 2.0) dual mode complex, supporting root complex operations and endpoint
operations. Uses x1 PHY configuration.
• Miscellaneous IPs and interfaces:
— Three instances of SAI supporting up to three I2S and AC97 ports
— Seven UARTs, up to 4.0 Mbps:
– Providing RS232 interface
– Supporting 9-bit RS485 Multidrop mode
— Four eCSPI (Enhanced CSPI)
— Four I2C, supporting 400 kbps
— Two 1-gigabit Ethernet controllers (designed to be compatible with IEEE Std 1588),
10/100/1000 Mbps with AVB support
— Four pulse width modulators (PWM)
— System JTAG controller (SJC)
— GPIO with interrupt capabilities
— 8x8 key pad port (KPP)
— One quad SPI
— Four watchdog timers (WDOG)
— One (12 x 12 mm) or two (19 x 19 mm) 2-channel, 12-bit analog-to-digital converters
(ADC)—effective number of bits (ENOB) can vary (typically 9–10 bits) depending on the
system implementation and the condition of the power/ground noise condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com