Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX7DCEC Datasheet HTML 1Page - NXP Semiconductors IMX7DCEC Datasheet HTML 2Page - NXP Semiconductors IMX7DCEC Datasheet HTML 3Page - NXP Semiconductors IMX7DCEC Datasheet HTML 4Page - NXP Semiconductors IMX7DCEC Datasheet HTML 5Page - NXP Semiconductors IMX7DCEC Datasheet HTML 6Page - NXP Semiconductors IMX7DCEC Datasheet HTML 7Page - NXP Semiconductors IMX7DCEC Datasheet HTML 8Page - NXP Semiconductors IMX7DCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 161 page
background image
i.MX 7Dual introduction
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
4
Figure 1 describes the part number nomenclature so that the users can identify the characteristics of the
specific part number.
1 Restricted electrical specifications for parts with CPU maximum frequency of 1.2 GHz:
• Temperature range 0 to 85 degrees C (see Table 1)
• VDD_ARM requirements (see Table 9)
Figure 1. Part number nomenclature—i.MX 7Dual family of processors
1.2
Features
The i.MX 7Dual family of processors is based on Arm Cortex-A7 MPCore™ Platform, which has the
following features:
• Two Arm Cortex-A7 Cores (with TrustZone® technology)
• The core configuration is symmetric, where each core includes:
MCIMX7D2DVK12SD
No EPDC, No CAN
2 x Gigabit Ethernet
4 tamper pins
1x ADC
1.2 GHz
Consumer
0 to 85C
12x12 mm
0.4 mm pitch
BGA
MCIMX7D2DVM12SD
No EPDC, No CAN
2x Gigabit Ethernet
10 tamper pins
2x ADC
1.2 GHz
Consumer
0 to 85C
19x19mm
0.75 mm pitch
BGA
1 Consumer qualification grade assumes 5-year lifetime with 50% duty cycle.
2 Industrial qualification grade assumes 10-year lifetime with 100% duty cycle.
Table 1. Orderable parts(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com