Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 10Page - NXP Semiconductors IMX7DCEC Datasheet HTML 11Page - NXP Semiconductors IMX7DCEC Datasheet HTML 12Page - NXP Semiconductors IMX7DCEC Datasheet HTML 13Page - NXP Semiconductors IMX7DCEC Datasheet HTML 14Page - NXP Semiconductors IMX7DCEC Datasheet HTML 15Page - NXP Semiconductors IMX7DCEC Datasheet HTML 16Page - NXP Semiconductors IMX7DCEC Datasheet HTML 17Page - NXP Semiconductors IMX7DCEC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 161 page
background image
Modules list
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
14
SJC
System JTAG Controller
System control
peripherals
The SJC provides JTAG interface (designed to be
compatible with JTAG TAP standards) to internal logic.
The i.MX 7Dual family of processors uses JTAG port for
production, testing, and system debugging.
Additionally, the SJC provides BSR (Boundary Scan
Register) standard support, designed to be compatible
with IEEE 1149.1 and IEEE1149.6 standards.
The JTAG port must be accessible during platform
initial laboratory bring-up, for manufacturing tests and
troubleshooting, as well as for software debugging by
authorized entities. The i.MX 7Dual SJC incorporates
three security modes for protecting against
unauthorized accesses. Modes are selected through
eFUSE configuration.
SNVS
Secure Non-Volatile
Storage
Security
Secure Non-Volatile Storage, including Secure Real
Time Clock, Security State Machine, Master Key
Control, and Violation/Tamper Detection and reporting.
TEMPSENSOR
Temperature Sensor
System control
peripherals
Temperature sensor
TZASC
Trust-Zone Address
Space Controller
Security
The TZASC (TZC-380 by Arm) provides security
address region control functions required for intended
application. It is used on the path to the DRAM
controller.
UART1
UART2
UART3
UART4
UART5
UART6
UART7
UART Interface
Connectivity
peripherals
Each of the UARTv2 modules support the following
serial data transmit/receive protocols and
configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable
parity (even, odd or none)
• Programmable baud rates up to 4 Mbps. This is a
higher max baud rate relative to the 1.875 MHz,
which is stated by the TIA/EIA-232-F standard.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx
supporting auto-baud
Table 2. i.MX 7Dual modules list(continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com