Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 34 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 30Page - NXP Semiconductors IMX7DCEC Datasheet HTML 31Page - NXP Semiconductors IMX7DCEC Datasheet HTML 32Page - NXP Semiconductors IMX7DCEC Datasheet HTML 33Page - NXP Semiconductors IMX7DCEC Datasheet HTML 34Page - NXP Semiconductors IMX7DCEC Datasheet HTML 35Page - NXP Semiconductors IMX7DCEC Datasheet HTML 36Page - NXP Semiconductors IMX7DCEC Datasheet HTML 37Page - NXP Semiconductors IMX7DCEC Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
34
Table 20. PCIe DC electrical characteristics
Parameter
Description
Min
Typ
Max
Unit
VDD
Power Supply Voltage
(VDD of 1.0 V nominal
gate oxide /1.8 V for thick gate oxide)
1.0 - 5%
1.0
1.0 + 5%
V
1.8 - 5%
1.8
1.8 + 5%
V
PD
Power Consumption
Normal
—
130
—
mW
Partial Mode
—
108
—
mW
Slumber Mode
—
7
—
mW
Full Powerdown
—
0.2
—
mW
Table 21. PCIe PHY high-speed characteristics
High Speed I/O Characteristics
Description
Symbol
Speed
Min.
Typ.
Max.
Unit
Unit Interval
UI
1.5 Gbps
—
666.67
—
ps
2.5 Gbps
—
400
—
3.0 Gbps
—
333.33
—
5.0 Gbps
—
200
—
6.0 Gbps
—
166.67
—
TX Serial output rise time (20% to 80%)
TTXRISE
1.5 Gbps
50
—
273
ps
2.5 Gbps
50
—
—
3.0 Gbps
50
—
136
5.0 Gbps
30
—
—
6.0 Gbps
33
—
80
TX Serial output fall time (80% to 20%)
TTXFALL
1.5 Gbps
50
—
273
ps
2.5 Gbps
50
—
—
3.0 Gbps
50
—
136
5.0 Gbps
30
—
—
6.0 Gbps
33
—
80
TX Serial data output voltage (Differential, pk–pk)
VTX
1.5 Gbps
400
—
600
mVp–p
2.5 Gbps
400
—
1200
3.0 Gbps
400
—
700
5.0 Gbps
400
—
1200
6.0 Gbps
240
—
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com