Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 39Page - NXP Semiconductors IMX7DCEC Datasheet HTML 40Page - NXP Semiconductors IMX7DCEC Datasheet HTML 41Page - NXP Semiconductors IMX7DCEC Datasheet HTML 42Page - NXP Semiconductors IMX7DCEC Datasheet HTML 43Page - NXP Semiconductors IMX7DCEC Datasheet HTML 44Page - NXP Semiconductors IMX7DCEC Datasheet HTML 45Page - NXP Semiconductors IMX7DCEC Datasheet HTML 46Page - NXP Semiconductors IMX7DCEC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
43
The system crystal oscillator consists of a Pierce-type structure running off the digital supply. A straight
forward biased-inverter implementation is used.
4.4.2
OSC32K
This block implements an internal amplifier, trimable load capacitors and a resistor that when combined
with a suitable quartz crystal implements a low power oscillator.
In addition, if the clock monitor determines that the OSC32K is not present then the source of the 32 kHz
clock will automatically switch to the internal relaxation oscillator of lesser frequency accuracy.
CAUTION
The internal RTC oscillator does not provide an accurate frequency and is
affected by process, voltage and temperature variations. NXP strongly
recommends using an external crystal as the RTC_XTALI reference. If the
internal oscillator is used instead, careful consideration must be given to the
timing implications on all of the SoC modules dependent on this clock.
The OSC32k runs from VDD_SNVS_1p8_CAP, which is regulated from
VDD_SNVS. The target battery is an ~3 V coin cell for VDD_SNVS and
the regulated output is ~1.75V.
4.5
I/O DC parameters
This section includes the DC parameters of the following I/O types:
Table 28. OSC32K Main Characteristics
Min
Typ
Max
Comments
Fosc
— 32.768 KHz
—
This frequency is nominal and determined by the crystal selected. 32.0 K
would work as well.
Current consumption
—
350 nA
—
The typical value shown is only for the oscillator, driven by an external
crystal. If the interrelaxation oscillator is used instead of an external crystal
then approximately 250 nA should be added to this value.
Bias resistor
—
200 M
This is the integrated bias resistor that sets the amplifier into a high gain
state. Any leakage through the ESD network, external board leakage, or
even a scope probe that is significant relative to this value will debias the
amp. The debiasing will result in low gain and will impact the circuit's ability
to start up and maintain oscillations.
Target Crystal Properties
Cload
—
10 pF
—
Usually, crystals can be purchased tuned for different Cload. This Cload
value is typically 1/2 of the capacitances realized on the PCB on either side
of the quartz. A higher Cload will decrease oscillation margin but increases
current oscillating through the crystal. The Cload is programmable in 2 pF
steps.
ESR
—
50 K
—
Equivalent series resistance of the crystal. Choosing a crystal with a higher
value will decrease oscillating margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com