Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 64 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 60Page - NXP Semiconductors IMX7DCEC Datasheet HTML 61Page - NXP Semiconductors IMX7DCEC Datasheet HTML 62Page - NXP Semiconductors IMX7DCEC Datasheet HTML 63Page - NXP Semiconductors IMX7DCEC Datasheet HTML 64Page - NXP Semiconductors IMX7DCEC Datasheet HTML 65Page - NXP Semiconductors IMX7DCEC Datasheet HTML 66Page - NXP Semiconductors IMX7DCEC Datasheet HTML 67Page - NXP Semiconductors IMX7DCEC Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
64
WE38
EIM_EBx_B Invalid to
EIM_CSx_B Invalid (Read
access)
WE7 – WE13 + (RBEN –
RCSN)
—
3 – (RBEN– RCSN)
ns
WE39
EIM_CSx_B Valid to
EIM_LBA_B Valid
WE14 – WE6 + (ADVA – CSA)
—
3 + (ADVA – CSA)
ns
WE40
EIM_LBA_B Invalid to
EIM_CSx_B Invalid (ADVL is
asserted)
WE7 – WE15 – CSN
—
3 – CSN
ns
WE40A
(muxed
A/D)
EIM_CSx_B Valid to
EIM_LBA_B Invalid
WE14 – WE6 + (ADVN + ADVA
+ 1 – CSA)
–3 + (ADVN +
ADVA + 1 – CSA)
3 + (ADVN + ADVA +
1 – CSA)
ns
WE41
EIM_CSx_B Valid to Output
Data Valid
WE16 – WE6 – WCSA
—
3 – WCSA
ns
WE41A
(muxed
A/D)
EIM_CSx_B Valid to Output
Data Valid
WE16 – WE6 + (WADVN +
WADVA + ADH + 1 – WCSA)
—
3 + (WADVN +
WADVA + ADH + 1 –
WCSA)
ns
WE42
Output Data Invalid to
EIM_CSx_B Invalid
WE17 – WE7 – CSN
—
3 – CSN
ns
MAXCO Output maximum delay from
internal driving
EIM_ADDRxx/control FFs to
chip outputs
10
—
—
ns
MAXCSO Output maximum delay from
CSx internal driving FFs to CSx
out
10
—
—
ns
MAXDI
EIM_DATAxx maximum delay
from chip input data to its
internal FF
5
—
—
ns
WE43
Input Data Valid to EIM_CSx_B
Invalid
MAXCO – MAXCSO + MAXDI
MAXCO –
MAXCSO +
MAXDI
—
ns
WE44
EIM_CSx_B Invalid to Input
Data invalid
0
0
—
ns
WE45
EIM_CSx_B Valid to
EIM_EBx_B Valid (Write
access)
WE12 – WE6 + (WBEA –
WCSA)
—
3 + (WBEA – WCSA)
ns
WE46
EIM_EBx_B Invalid to
EIM_CSx_B Invalid (Write
access)
WE7 – WE13 + (WBEN –
WCSN)
—
–3 + (WBEN –
WCSN)
ns
Table 46. EIM asynchronous timing parameters table relative chip to select(continued)
Ref No.
Parameter
Determination by
Synchronous measured
parameters1
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com