Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 83 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 79Page - NXP Semiconductors IMX7DCEC Datasheet HTML 80Page - NXP Semiconductors IMX7DCEC Datasheet HTML 81Page - NXP Semiconductors IMX7DCEC Datasheet HTML 82Page - NXP Semiconductors IMX7DCEC Datasheet HTML 83Page - NXP Semiconductors IMX7DCEC Datasheet HTML 84Page - NXP Semiconductors IMX7DCEC Datasheet HTML 85Page - NXP Semiconductors IMX7DCEC Datasheet HTML 86Page - NXP Semiconductors IMX7DCEC Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
83
4.10.1.2 ECSPI Slave mode timing
Figure 45 depicts the timing of ECSPI in Slave mode. Table 60 lists the ECSPI Slave mode timing
characteristics.
Figure 45. ECSPI Slave mode timing diagram
Table 60. ECSPI Slave mode timing parameters
ID
Parameter
Symbol
Min
Max Unit
CS1 ECSPIx_SCLK Cycle Time–Read
ECSPI_SCLK Cycle Time–Write
tclk
15
43
—
ns
CS2 ECSPIx_SCLK High or Low Time–Read
ECSPIx_SCLK High or Low Time–Write
tSW
7
21.5
—
ns
CS4 ECSPIx_SS_B pulse width
tCSLH
Half ECSPIx_SCLK period
—
ns
CS5 ECSPIx_SS_B Lead Time (CS setup time)
tSCS
5
—
ns
CS6 ECSPIx_SS_B Lag Time (CS hold time)
tHCS
5
—
ns
CS7 ECSPIx_MOSI Setup Time
tSmosi
4
—
ns
CS8 ECSPIx_MOSI Hold Time
tHmosi
4
—
ns
CS9 ECSPIx_MISO Propagation Delay (CLOAD = 20 pF)
tPDmiso
4
19
ns
CS1
CS7
CS8
CS2
CS2
CS4
CS6
CS5
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MISO
ECSPIx_MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com