Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 37 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 33Page - NXP Semiconductors IMX7DCEC Datasheet HTML 34Page - NXP Semiconductors IMX7DCEC Datasheet HTML 35Page - NXP Semiconductors IMX7DCEC Datasheet HTML 36Page - NXP Semiconductors IMX7DCEC Datasheet HTML 37Page - NXP Semiconductors IMX7DCEC Datasheet HTML 38Page - NXP Semiconductors IMX7DCEC Datasheet HTML 39Page - NXP Semiconductors IMX7DCEC Datasheet HTML 40Page - NXP Semiconductors IMX7DCEC Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
37
The system design must comply with power-up sequence, power-down sequence, and steady state
guidelines as described in this section to guarantee the reliable operation of the device. Any deviation
from these sequences may result in the following situations:
• Excessive current during power-up phase
• Prevention of the device from booting
Table 24. PCIe PHY reference clock Receive requirements
Description
Symbol
Interface
Speed
Min Typ Max Unit
Frequency of RBC
FRBC
20-bit
1.5 Gbps
—
75
—
MHz
3.0 Gbps
—
150
—
6.0 Gbps
—
300
—
40-bit
1.5 Gbps
—
37.5
—
3.0 Gbps
—
75
—
6.0 Gbps
—
150
—
Duty cycle of TBC
DCRBC
—
—
40
—
60
%
RXD[0:30] delay time from the falling edge of RBC
TDLY,RX
—
—
—
—
1.33
ns
Latency from the leading edge of the corresponding first
received serial input bit, RXP/RXN, to the rising edge of RBC
TLAT.RX
20-bit
1.5 Gbps
—
100
—
bits
2.5 Gbps
—
230
—
3.0 Gbps
—
100
—
5.0 Gbps
—
260
—
6.0 Gbps
—
100
—
Table 25. PCIe PHY output clock characteristics
Description
Symbol
Interface
Speed
Min
Typ
Max
Unit
Frequency of PC_CLK
FPC_CLK
HIGH_SPEED=1
MHz
PCIe
—
—
250
—
Duty Cycle of PC_CLK
DCPC_CLK
—
—
40
—
60
%
Frequency of TX_CLK
FTX_CLK
20-bit
1.5 Gbps
—
75
—
MHz
3.0 Gbps
—
150
—
6.0 Gbps
—
300
—
40-bit
1.5 Gbps
—
37.5
—
3.0 Gbps
—
75
—
6.0 Gbps
—
150
—
Duty cycle of TX_CLK
DCTX_CLK
—
—
40
—
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com