Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 31Page - NXP Semiconductors IMX7DCEC Datasheet HTML 32Page - NXP Semiconductors IMX7DCEC Datasheet HTML 33Page - NXP Semiconductors IMX7DCEC Datasheet HTML 34Page - NXP Semiconductors IMX7DCEC Datasheet HTML 35Page - NXP Semiconductors IMX7DCEC Datasheet HTML 36Page - NXP Semiconductors IMX7DCEC Datasheet HTML 37Page - NXP Semiconductors IMX7DCEC Datasheet HTML 38Page - NXP Semiconductors IMX7DCEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
35
PCIe Tx deterministic jitter < 1.5 MHz
TRJ
2.5 Gbps/
5.0 Gbps
—
—
3 ps
ps, rms
PCIe Tx deterministic jitter > 1.5 MHz
TDJ
5.0 Gbps/
2.5 Gbps
—
—
30 ps/
60 ps
ps, pk–pk
RX Serial data input voltage (Differential pk–pk)
VRX
1.5 Gbps
325
—
600
mVp–p
2.5 Gbps
120
—
1200
3.0 Gbps
275
—
750
5.0 Gbps
120
—
1200
6.0 Gbps
240
—
1000
Table 22. PCIe PHY reference clock timing requirements
Description
Symbol
Min.
Typ.
Max.
Unit
Frequency Tolerance
FTOL
-100
—
100
ppm
Duty Cycle
DC
40
—
60
%
Rise and Fall Time
TR,TF
—
—
1.5
ns
Peak to peak Jitter
Jitter
—
—
40
ps,pk–pk
RMS Jitter
—
—
2.5
ps,rms
Period Jitter
—
—
25
ps
External Clock source output impedence
ZC,DC
40
—
60
Differential input high voltage
VIH
150
—
—
mV
Differential input low voltage
VIL
—
—
-150
mV
Absolute maximum input voltage
VMAX
—
—
1.15
V
Absolute minimum input voltage
VMIN
-0.3
—
—
V
Absolute crossing point voltage
VCROSS
250
—
550
mV
Table 21. PCIe PHY high-speed characteristics(continued)
High Speed I/O Characteristics
Description
Symbol
Speed
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com