Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 70 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 66Page - NXP Semiconductors IMX7DCEC Datasheet HTML 67Page - NXP Semiconductors IMX7DCEC Datasheet HTML 68Page - NXP Semiconductors IMX7DCEC Datasheet HTML 69Page - NXP Semiconductors IMX7DCEC Datasheet HTML 70Page - NXP Semiconductors IMX7DCEC Datasheet HTML 71Page - NXP Semiconductors IMX7DCEC Datasheet HTML 72Page - NXP Semiconductors IMX7DCEC Datasheet HTML 73Page - NXP Semiconductors IMX7DCEC Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
70
Figure 29 shows the LPDDR3 read timing diagram. The timing parameters for this diagram appear in
Table 52.
Figure 29. LPDDR3 read cycle
Table 51. LPDDR3 write cycle1,2,3
1 To receive the reported setup and hold values, write calibration should be performed in order to locate the DRAM_SDQS in
the middle of DRAM_DATAxx window.
2 All measurements are in reference to Vref level.
3 Measurements were done using balanced load and 25  resistor from outputs to DDR_VREF.
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
LP17
DRAM_DATAxx and DRAM_DQMx setup time to DRAM_SDQSx_P
(differential strobe)
tDS
275
—
ps
LP18
DRAM_DATAxx and DRAM_DQMx hold time to DRAM_SDQSx_P
(differential strobe)
tDH
275
—
ps
LP21
DRAM_SDQSx_P latching rising transitions to associated clock edges
tDQSS
-0.25
+0.25
tCK
LP22
DRAM_SDQSx_P high level width
tDQSH
0.4
—
tCK
LP23
DRAM_SDQSx_P low level width
tDQSL
0.4
—
tCK
Table 52. LPDDR3 read cycle1,2,3
1 To receive the reported setup and hold values, read calibration should be performed in order to locate the DRAM_SDQSx_P
in the middle of DRAM_DATA_xx window.
2 All measurements are in reference to Vref level.
3 Measurements were done using balanced load and 25  resistor from outputs to DDR_VREF.
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
LP26
Minimum required DRAM_DATAxx valid window width for LPDDR3
—
460
—
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com