Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 31 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 27Page - NXP Semiconductors IMX7DCEC Datasheet HTML 28Page - NXP Semiconductors IMX7DCEC Datasheet HTML 29Page - NXP Semiconductors IMX7DCEC Datasheet HTML 30Page - NXP Semiconductors IMX7DCEC Datasheet HTML 31Page - NXP Semiconductors IMX7DCEC Datasheet HTML 32Page - NXP Semiconductors IMX7DCEC Datasheet HTML 33Page - NXP Semiconductors IMX7DCEC Datasheet HTML 34Page - NXP Semiconductors IMX7DCEC Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
31
When LPSR mode is not needed for the application, the VDD_LPSR can be connected to VDDA_1P8 and
NVCC_GPIO1/2 can be connected to the same power supply as NVCC_XXX for other GPIO banks.
In LPSR mode, the supported wakeup source are RTC alarm, ONOFF event, security/tamper and also the
16 GPIO pads.
4.1.6.4
RUN Mode
In RUN mode, the CPU is active and running, and the analog / digital peripheral modules inside the
processor will be enabled. In this mode, all the external power rails to the processor have to be ON and the
SoC will be able to draw as many current as listed in the Table 5 Maximum Power Requirement.
In this mode, the PMIC should allow SoC to change the voltage of power rails through I2C/SPI interface.
Typically, when the CPU is doing DVFS, it switches the VDD_ARM voltage according to Table 9 when
the CPU’s frequency is switching between 1 GHz and 800 MHz (or below).
4.1.6.5
Low Power Mode
When the CPU is not running, the processor can enter low power mode. i.MX 7Dual processor supports a
very flexible set of power mode configurations in low power mode.
Typically there are 3 low power modes used, System IDLE, Low Power IDLE and SUSPEND:
• System IDLE—This is a mode that the CPU can automatically enter when there is no thread
running. All the peripherals can keep working and the CPU’s state is retained so the interrupt
response can be very short. The cores are able to individually enter the WAIT state.
• Low Power IDLE—This mode is for the case when the system needs to have lower power but still
keep some of the peripherals alive. Most of the peripherals, analog modules, and PHYs are shut
off; see Table 5-5, “Low Power Mode Definition,” in the i.MX 7Dual Application Processor
Reference Manual (IMX7DRM) for details. The interrupt response in this mode is expected to be
longer than the System IDLE, but its power is much lower.
• Suspend—This mode has the greatest power savings; all clocks, unused analog/PHYs, and
peripherals are off. The external DRAM stays in Self-Refresh mode. The exit time from this mode
is much longer.
In System IDLE and Low Power IDLE mode, the voltage on external power supplies remains the same as
in RUN mode, so the external PMIC is not aware of the state of the processor. If any low-power setting
needs to be applied to PMIC, it is done through the I2C/SPI interface before the processor enters a
low-power mode.
When the processor enters SUSPEND mode, it will assert the PMIC_STBY_REQ signal to PMIC. When
this signal is asserted, the processor allows the PMIC to shut off VDD_ARM externally. However, in some
application scenario, SW want to keep the data in L2 Cache to avoid performance impact on cache miss.
In this case, the VDD_ARM cannot be shut off. To support both scenarios, the PMIC should have an option
to shut off or keep VDD_ARM when it receives the PMIC_STBY_REQ. This should be configured
through I2C/SPI interface before the processor enters SUSPEND mode.
Except the VDD_ARM, the other power rails have to keep active in SUSPEND mode. Since the current
on each power rail is greatly reduced in this mode, PMIC can enter its own low power mode to get extra



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com