Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 71 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 67Page - NXP Semiconductors IMX7DCEC Datasheet HTML 68Page - NXP Semiconductors IMX7DCEC Datasheet HTML 69Page - NXP Semiconductors IMX7DCEC Datasheet HTML 70Page - NXP Semiconductors IMX7DCEC Datasheet HTML 71Page - NXP Semiconductors IMX7DCEC Datasheet HTML 72Page - NXP Semiconductors IMX7DCEC Datasheet HTML 73Page - NXP Semiconductors IMX7DCEC Datasheet HTML 74Page - NXP Semiconductors IMX7DCEC Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
71
4.8.4.3
LPDDR2 parameters
Figure 30 shows the LPDDR2 basic timing diagram. The timing parameters for this diagram appear in
Table 53.
Figure 30. LPDDR2 command and address timing diagram
Table 53. LPDDR2 timing parameters1,2
1 All measurements are in reference to Vref level.
2 Measurements were done using balanced load and 25  resistor from outputs to DDR_VREF
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
LP1
SDRAM clock high-level width
tCH
0.45
0.55
tCK
LP2
SDRAM clock low-level width
tCL
0.45
0.55
tCK
LP3
DRAM_CSx_B, DRAM_SDCKEx setup time
tIS
370
—
ps
LP4
DRAM_CSx_B, DRAM_SDCKEx hold time
tIH
370
—
ps
LP3
DRAM_CAS_B setup time
tIS
770
—
ps
LP4
DRAM_CAS_B hold time
tIH
770
—
ps
DRAM_SDCLKx_P
DRAM_CSx_B
DRAM_SDCKEx
DRAM_CAS_B
LP4
LP4
LP3
LP4
LP3
LP2
LP3
LP3
LP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com