Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 33 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 29Page - NXP Semiconductors IMX7DCEC Datasheet HTML 30Page - NXP Semiconductors IMX7DCEC Datasheet HTML 31Page - NXP Semiconductors IMX7DCEC Datasheet HTML 32Page - NXP Semiconductors IMX7DCEC Datasheet HTML 33Page - NXP Semiconductors IMX7DCEC Datasheet HTML 34Page - NXP Semiconductors IMX7DCEC Datasheet HTML 35Page - NXP Semiconductors IMX7DCEC Datasheet HTML 36Page - NXP Semiconductors IMX7DCEC Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
33
4.1.7.2
4.1.7.2 Power-Down modes
Table 17 shows the USB interface current consumption with only the OTG block powered down.
In Power-Down mode, everything is powered down, including the USB_VBUS valid comparators and
their associated bandgap circuity in typical condition. Table 18 shows the USB interface current
consumption in Power-Down mode.
4.1.8
PCIe phy 2.1 DC electrical characteristics
Note: VDD should have no more than 40 mVpp AC power supply noise superimposed on the high power supply voltage for the
PHY core (1.8 V nominal DC value). At the same time, VDD should have no more than 20 mVpp AC power supply noise
superimposed on the low power supply voltage for the PHY core.
The power supply voltage variation for the PHY core should have less than +/-5% including the board-level power supply variation
and on-chip power supply variation due to the finite impedances in the package.
Table 17. USB PHY current consumption with
VBUS Valid Comparators disabled1
1 VBUS Valid comparators can be disabled through software by setting USBNC_OTG*_PHY_CFG2[OTGDISABLE0] to 1. This
signal powers down only the VBUS Valid comparator, and does not control power to the Session Valid Comparator, ADP Probe
and Sense comparators, or the ID detection circuitry.
VDD_USB_OTG1_3P3_IN
VDD_USB_OTG2_3P3_IN
Current
730 uA
730 uA
Table 18. USB PHY current consumption in Power-Down mode1
1 The VBUS Valid Comparators and their associated bandgap circuits can be disabled through software by setting
USBNC_OTG*_PHY_CFG2[OTGDISABLE0] to 1 and USBNC_OTG*_PHY_CFG2[DRVVBUS0] to 0, respectively.
VDD_USB_OTG1_3P3_IN
VDD_USB_OTG2_3P3_IN
Current
200 uA
200 uA
Table 19. PCIe recommended operating conditions
Parameter
Description
Min
Max
Unit
VDD
Low Power Supply Voltage for PHY Core
1 V
0.95
1.05
V
High Power Supply Voltage for PHY Core
1.8 V
1.71
1.89
TA
Commercial Temperature Range
0
70
°C
TJ
Simulation Junction Temperature Range
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com