Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 45 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 41Page - NXP Semiconductors IMX7DCEC Datasheet HTML 42Page - NXP Semiconductors IMX7DCEC Datasheet HTML 43Page - NXP Semiconductors IMX7DCEC Datasheet HTML 44Page - NXP Semiconductors IMX7DCEC Datasheet HTML 45Page - NXP Semiconductors IMX7DCEC Datasheet HTML 46Page - NXP Semiconductors IMX7DCEC Datasheet HTML 47Page - NXP Semiconductors IMX7DCEC Datasheet HTML 48Page - NXP Semiconductors IMX7DCEC Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
45
DDRMC operation with the standards stated above is contingent upon the board DDR design adherence
to the DDR design and layout requirements stated in the hardware development guide for the i.MX 7
application processor.
4.5.2.1
LPDDR3 mode I/O DC parameters
Table 30. DC input logic level
Characteristics
Symbol
Min
Max
Unit
DC input logic high1
1 It is the relationship of the VDDQ of the driving device and the VREF of the receiving device that determines noise margins.
However, in the case of VIH(DC) max (that is, input overdrive), it is the VDDQ of the receiving device that is referenced.
VIH(DC)
VREF +100
—
mV
DC input logic low1
VIL(DC)
—
VREF –100
Table 31. Output DC current drive
Characteristics
Symbol
Min
Max
Unit
Output minimum source DC current1
1 When DDS=[111] and without ZQ calibration.
IOH(DC)
–4
—
mA
Output minimum sink DC current1
IOL(DC)
4
—
mA
DC output high voltage(IOH = –0.1mA)1,2
2 The values of VOH and VOL are valid only for 1.2 V range.
VOH
0.9  VDDQ
—
V
DC output low voltage(IOL = 0.1mA)1,2
VOL
—
0.1  VDDQ
V
Table 32. Input DC current
Characteristics
Symbol
Min
Max
Unit
High level input current1,2
1 The values of VOH and VOL are valid only for 1.2 V range.
2 Driver Hi-Z and input power-down (PD=High)
IIH
–25
25
A
Low level input current1,2
IIL
–25
25
A
Table 33. LPDDR3 I/O DC electrical parameters
Parameters
Symbol
Test
Conditions
Min
Max
Unit
High-level output voltage
VOH
Ioh= -0.1mA
0.9  OVDD
—
V
Low-level output voltage
VOL
Iol= 0.1mA
—
0.1  OVDD
V
Input Reference Voltage
Vref
—
0.49  OVDD
0.51  OVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com