Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 5Page - NXP Semiconductors IMX7DCEC Datasheet HTML 6Page - NXP Semiconductors IMX7DCEC Datasheet HTML 7Page - NXP Semiconductors IMX7DCEC Datasheet HTML 8Page - NXP Semiconductors IMX7DCEC Datasheet HTML 9Page - NXP Semiconductors IMX7DCEC Datasheet HTML 10Page - NXP Semiconductors IMX7DCEC Datasheet HTML 11Page - NXP Semiconductors IMX7DCEC Datasheet HTML 12Page - NXP Semiconductors IMX7DCEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 161 page
background image
Modules list
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
9
3
Modules list
The i.MX 7Dual family of processors contains a variety of digital and analog modules. Table 2 describes
these modules in alphabetical order.
Table 2. i.MX 7Dual modules list
Block Mnemonic
Block Name
Subsystem
Brief Description
ADC1
ADC2
Analog to Digital
Converter
The ADC is a 12-bit general purpose analog to digital
converter (ADC2 is not available in the 12x12 package).
Arm
Arm Platform
Arm
The Arm Core Platform includes two Cortex-A7
coresand 1x Cortex-M4. It also includes associated
sub-blocks, such as the Level 2 Cache Controller, SCU
(Snoop Control Unit), GIC (General Interrupt
Controller), private timers, watchdog, and CoreSight
debug modules.
BCH
Binary-BCH ECC
Processor
System control
peripherals
The BCH module provides up to 62-bit ECC
encryption/decryption for NAND Flash controller
(GPMI)
CAAM
Cryptographic
accelerator and
assurance module
Security
CAAM is a cryptographic accelerator and assurance
module. CAAM implements several encryption and
hashing functions, a run-time integrity checker, entropy
source generator, and a Pseudo Random Number
Generator (PRNG). The pseudo random number
generator is certifiable by Cryptographic Algorithm
Validation Program (CAVP) of National Institute of
Standards and Technology (NIST).
CAAM also implements a Secure Memory mechanism.
In i.MX 7Dual processors, the security memory
provided is 32 KB.
CCM
GPC
SRC
Clock Control Module,
General Power
Controller, System Reset
Controller
Clocks, resets, and
power control
These modules are responsible for clock and reset
distribution in the system, and also for the system
power management.
CSI
Parallel CSI
Multimedia
peripherals
The CSI IP provides parallel CSI standard camera
interface port. The CSI parallel data ports are up to 24
bits. It is designed to support 24-bit RGB888/YUV444,
CCIR656 video interface, 8-bit YCbCr, YUV or RGB,
and 8-bit/10-bit/16-bit Bayer data input.
CSU
Central Security Unit
security
The Central Security Unit (CSU) is responsible for
setting comprehensive security policy within the i.MX
7Dual platform.
DAP
Debug Access Port
System control
peripherals
The DAP provides real-time access for the debugger
without halting the core to access:
• System memory and peripheral registers
• All debug configuration registers
The DAP also provides debugger access to JTAG scan
chains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com