Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 106 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 102Page - NXP Semiconductors IMX7DCEC Datasheet HTML 103Page - NXP Semiconductors IMX7DCEC Datasheet HTML 104Page - NXP Semiconductors IMX7DCEC Datasheet HTML 105Page - NXP Semiconductors IMX7DCEC Datasheet HTML 106Page - NXP Semiconductors IMX7DCEC Datasheet HTML 107Page - NXP Semiconductors IMX7DCEC Datasheet HTML 108Page - NXP Semiconductors IMX7DCEC Datasheet HTML 109Page - NXP Semiconductors IMX7DCEC Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
106
4.10.11 QUAD SPI (QSPI) Timing Parameters
Measurement conditions are with 35 pF load on SCK and SIO pins and input slew rate of 1 V/ns.
4.10.11.1 SDR Mode
Figure 71. QuadSPI Input/Read Timing (SDR mode with internal sampling)
Figure 72. QuadSPI Input/Read Timing (SDR mode with loopback DQS sampling)
P1
PWM output pulse width high
15
ns
P2
PWM output pulse width low
15
ns
Table 79. QuadSPI Input Timing (SDR mode with internal sampling)
Symbol
Parameter
Value
Unit
Min
Max
TIS
Setup time for incoming data
8.67
—
ns
TIH
Hold time requirement for incoming data
0
—
ns
Table 78. PWM output timing parameters(continued)
TIS
TIH
TIS
TIH
QSPIx_SCLK
QSPIx_DATA[0:3]
1234
TIS
TIS
TIH
TIH
QSPIx_SCLK
QSPIx_DATA[0:3]
QSPIx_DQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com