Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 114 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 110Page - NXP Semiconductors IMX7DCEC Datasheet HTML 111Page - NXP Semiconductors IMX7DCEC Datasheet HTML 112Page - NXP Semiconductors IMX7DCEC Datasheet HTML 113Page - NXP Semiconductors IMX7DCEC Datasheet HTML 114Page - NXP Semiconductors IMX7DCEC Datasheet HTML 115Page - NXP Semiconductors IMX7DCEC Datasheet HTML 116Page - NXP Semiconductors IMX7DCEC Datasheet HTML 117Page - NXP Semiconductors IMX7DCEC Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
114
4.10.14 UART I/O configuration and timing parameters
4.10.14.1 UART RS-232 I/O configuration in different modes
The i.MX 7Dual UART interfaces can serve both as DTE or DCE device. This can be configured by the
DCEDTE control bit (default 0—DCE mode). Table 88 shows the UART I/O configuration based on the
enabled mode.
4.10.14.2 UART RS-232 Serial mode timing
This section describes the electrical information of the UART module in the RS-232 mode.
SJ9
JTAG_TMS, JTAG_TDI data hold time
25
—
ns
SJ10
JTAG_TCK low to JTAG_TDO data valid
—
44
ns
SJ11
JTAG_TCK low to JTAG_TDO high impedance
—
44
ns
SJ12
JTAG_TRST_B assert time
100
—
ns
SJ13
JTAG_TRST_B set-up time to JTAG_TCK low
40
—
ns
1 TDC = target frequency of SJC
2 VM = mid-point voltage
Table 88. UART I/O configuration vs. mode
Port
DTE Mode
DCE Mode
Direction
Description
Direction
Description
UARTx_RTS_B
Output
UARTx_RTS_B from DTE to DCE
Input
UARTx_RTS_B from DTE to DCE
UARTx_CTS_B
Input
UARTx_CTS_B from DCE to DTE
Output
UARTx_CTS_B from DCE to DTE
UARTx_TX_ DATA
Input
Serial data from DCE to DTE
Output
Serial data from DCE to DTE
UARTx_RX
_DATA
Output
Serial data from DTE to DCE
Input
Serial data from DTE to DCE
Table 87. JTAG timing(continued)
ID
Parameter1,2
All Frequencies
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com