Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 119 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 115Page - NXP Semiconductors IMX7DCEC Datasheet HTML 116Page - NXP Semiconductors IMX7DCEC Datasheet HTML 117Page - NXP Semiconductors IMX7DCEC Datasheet HTML 118Page - NXP Semiconductors IMX7DCEC Datasheet HTML 119Page - NXP Semiconductors IMX7DCEC Datasheet HTML 120Page - NXP Semiconductors IMX7DCEC Datasheet HTML 121Page - NXP Semiconductors IMX7DCEC Datasheet HTML 122Page - NXP Semiconductors IMX7DCEC Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 161 page
background image
Boot mode configuration
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
119
5
Boot mode configuration
This section provides information on Boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot mode configuration pins
Table 96 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed Boot mode options configured by the Boot mode pins, see the “System Boot,
Fusemap, and eFuse” chapter in the i.MX 7Dual Application Processor Reference Manual (IMX7DRM).
Power Down Current2
IPD3
—
3.0
300

Signal to Noise and Distortion Ratio
SNDR
54
60
—
dB
1 Normal operation current consumption includes only the current from the ADC core. It does not include static current from the
power pads.
2 Power-down current includes only the current from the ADC core. It does not include static current from the power pads.
3 IOP and IPD are measurable only on the ADC core's test chips. Because AVDD10 is shared with internal logic power, IOP
and IPD in the test plan only measure current consumption @ AVDD18, VREF.
Table 96. Fuses and associated pins used for boot
Pin
Direction
at Reset
eFuse
name
State during reset
(POR_B
asserted)
State after reset
(POR_B
deasserted)
Details
BOOT_MODE0
Input
N/A
Hi-Z
Hi-Z
Boot mode selection
BOOT_MODE1
Input
N/A
Hi-Z
Hi-Z
Boot mode selection
Table 95. AC Electrical characteristics(continued)
Specification
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com