Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7DCEC Datasheet(PDF) 124 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 120Page - NXP Semiconductors IMX7DCEC Datasheet HTML 121Page - NXP Semiconductors IMX7DCEC Datasheet HTML 122Page - NXP Semiconductors IMX7DCEC Datasheet HTML 123Page - NXP Semiconductors IMX7DCEC Datasheet HTML 124Page - NXP Semiconductors IMX7DCEC Datasheet HTML 125Page - NXP Semiconductors IMX7DCEC Datasheet HTML 126Page - NXP Semiconductors IMX7DCEC Datasheet HTML 127Page - NXP Semiconductors IMX7DCEC Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
124
NVCC_UART
T09
Supply for UART
PCIE_VP
AB13
Supply input for the PCIe PHY
PCIE_VPH
Y15
Supply input for the PCIe PHY
PVCC_ENET_CAP
G16
Secondary supply for ENET. Requires external
capacitor
PVCC_EPDC_LCD_CAP
R20
Secondary supply for EPDC, LCD. Requires
external capacitor
PVCC_GPIO_CAP
AB11
Secondary supply for GPIO. Requires external
capacitor
PVCC_I2C_SPI_UART_CAP W08
Secondary supply for I2C, SPI, UART.
Requires external capacitor
PVCC_SAI_SD_CAP
J14
Secondary supply for SAI, SD. Requires
external capacitor
USB_OTG1_VBUS
C09
VBUS input for USB_OTG1
USB_OTG2_VBUS
C11
VBUS input for USB_OTG2
VDD_1P2_CAP
AA10
Supply for HSIC
VDD_ARM
A20,B20,C16,C17,C18,C19,C20,C21,C22,F1
9,H19,J20,K21,K23,K26,L27,L28
Supply voltage for Arm
VDD_LPSR_1P0_CAP
AG06
Secondary supply for LPSR. Requires external
capacitor
VDD_LPSR_IN
AG05
Supply to LPSR
VDD_MIPI_1P0
J16
Supply for MIPI
VDD_SNVS_1P8_CAP
AG07
Secondary supply for SNVS. Requires external
capacitor
VDD_SNVS_IN
Y13
Supply for SNVS
VDD_SOC
H10,J09,K03,K06,K08,L01,L02,L11,L18,N13,
N16,P03,P06,P23,P26,R26,T13,T16,V11,V18
,R03,R06,R23
Supply for SOC
VDD_TEMPSENSOR_1P8
AH05
Supply for temp sensor
VDD_USB_H_1P2
C12,G13
Supply input for the USB HSIC interface
VDD_USB_OTG1_1P0_CAP E09
Secondary supply for OTG1. Requires external
capacitor
VDD_USB_OTG1_3P3_IN
D09
Secondary supply for OTG1. Requires external
capacitor
VDD_USB_OTG2_1P0_CAP F09
Secondary supply for OTG2. Requires external
capacitor
VDD_USB_OTG2_3P3_IN
D11
Secondary supply for OTG2. Requires external
capacitor
Table 98. i.MX 7Dual 12 x 12 mm supplies contact assignments(continued)
Rail
Ball
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com