| Electronic Components Datasheet Search |
|
PCF5083H/001/F2 Datasheet(PDF) 110 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/001/F2 Datasheet(HTML) 110 Page - NXP Semiconductors |
|
110 / 136 page ![]() 1996 Oct 29 110 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 Table 94 Parallel Port Data Register Note 1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘ −’ denotes not affected from reset line. During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other registers are undefined and have to be set by the controller. Table 95 Parallel Port Data Direction Register Note 1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘ −’ denotes not affected from reset line. During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other registers are undefined and have to be set by the controller. Table 96 System Configuration Register (SYSCON) Note 1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘ −’ denotes not affected from reset line. During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other registers are undefined and have to be set by the controller. BIT R/W SYMBOL OPERATION RST=0 RSTx=0(1) 0 to 5 R/W PIO0_DATA to PIO5_DATA PIO0 to PIO5 input or output data 0 − BIT R/W SYMBOL OPERATION RST=0 RSTx=0(1) 0 R PIO0_DDIR reserved 0 − 1 to 5 R/W PIO1_DDIR to PIO5_DDIR A logic 1 selects the port as an output. A logic 0 selects the port as an input. 0 − BIT R/W SYMBOL OPERATION (if bit is set) RST = 0 RSTx=0(1) 0 W CLK13M Disable the CLK13M output pin. 0 − 1 W CLK20M Disable the CLK20M output pin. 0 − 2 W CLK32K Disable the CLK32K output pin; PCF5083-2B and PCF5083-2C only. 0 − CLK26M Disable the CLK26M output pin; PCF5083-3A only. 0 − 3 W DSP_CLK0 These two bits select the DSP core input clock. 0 − 4 W DSP_CLK1 0 − 5 W RS232_CLK Select the external clock for the RS232 interface 0 − 6 R LOCK When a logic 1, the PLL is out of lock. When a logic 0, the PLL is in lock. 0 − |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |