Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 112 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 108Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 109Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 110Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 111Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 112Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 113Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 114Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 115Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 136 page
background image
1996 Oct 29
112
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 99 Operations supported by the JTAG-circuitry
Notes
1. For all DSP core specific instructions refer to [1].
2. This instruction is always captured in the state Capture_IR of the TAP controller.
3. This instruction is loaded into the instruction register in the state Reset of the TAP-controller.
INSTRUCTION
BINARY CODE
DESCRIPTION OR VALUE
EXTEST
00000
Refer to IEEE standard
ACUTEST(1)
00001
Test mode for IC production
CONTEST(1)
00010
Test mode for IC production
DCUTEST(1)
00011
Test mode for IC production
IOTEST(1)(1)
00100
Test mode for IC production
FCTTEST(1)
00101
Test mode for IC production
SFTTEST(1)
00110
Test mode for IC production
FCTTESTV(1)
00111
Test mode for IC production
SAMPLE/PRELOAD
01000
Refer to IEEE standard
RESET(1)
10000
Generate a synchronous reset for the DSP core
GO(1)
10001
Restart the DSP core at 0x0000 after the RESET instruction
HIGH-Z
10010
Sets all 3-state pins in their high impedance state; TDI, TDO equal to
BYPASS
CLAMP
10011
Pins like EXTEST. TDI, TDO equal to BYPASS
NMI(1)
10100
Generate a NMI to the DSP core
10110
Reserved
10111
Reserved
TESTIN(1)
11000
Select the test input register TI
TESTOUT(1)
11001
Select the test output register TO
STATUS
11010
Select the status register
IDCODE(2)
11101
0001 0101110110000110 00000010101 1 (PCF5083-1)
0010 0101110110000110 00000010101 1 (PCF5083-2)
0011 0101110110000110 00000010101 1 (PCF5083-3)
BYPASS(3)
Others
Refer to IEEE standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com