Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 112Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 113Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 114Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 115Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 116Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 117Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 118Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 119Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 136 page
background image
1996 Oct 29
116
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Notes
1. VDD1 = pad ring power supply; VDD2 = core power supply and VDDPLL = analog PLL power supply.
2. Current consumption during active speech encoding is measured and then derated by 0.8 to reflect activity level
during one cycle.
3. IDD1 is estimated with a 30 pF load on each output.
IDD(STBY)
supply current Standby mode
ON/OFF logic and RTC
active
I(VDD2) +I(VDDPLL)
15
100
µA
I(VDD1)
note 3
245
−µA
IDD(STBY)tot
I(VDD2) +I(VDDPLL) +I(VDD1)
260
−µA
All inputs except CK32I, CKI and Schmitt trigger inputs
VIL
LOW level input voltage
−−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
VDD
V
IIL
LOW level sink current
without pull-down resistor
VIN =0
−−
1
µA
IIH
HIGH level source current
with pull-down resistor
VIN =VDD
40
150
250
µA
IZL
3-state output leakage current
VO =0toVDD
−−
1
µA
All outputs
VOL
LOW level output voltage
−−
0.4
V
VOH
HIGH level output voltage
(except open-drain outputs)
0.8VDD
−−
V
ILI
open-drain output leakage
current
VO =0toVDD
−−
1
µA
CMOS Schmitt trigger inputs
VIL
LOW level input voltage
0
0.25VDD
V
VIH
HIGH level input voltage
0.75VDD
VDD
V
VHYS
Hysteresis
0.7
V
CK32I
IIL
LOW level sink current
VIN = 0; CK32O open
−−
1
µA
IIH
HIGH level source current
VIN =VDD; CK32O open
−−
1
µA
Cin
input capacitance
20
pF
gm
32 kHz oscillator
transconductance
CK32I = CK32O = 0.6VDD
5
25
µS
CKI
VIN
input voltage swing
DC bias = 0.35VDD
(internally generated)
0.7
VDD − VSS
V
SYMBOL
PARAMETER(1)
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com