Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 113Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 114Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 115Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 116Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 117Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 118Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 119Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 120Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 136 page
background image
1996 Oct 29
117
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
16 AC CHARACTERISTICS
Tamb = −40 to +85 °C; VDD = 3.3 V ±10%; see notes 1 to 4.
NO
PARAMETER
MIN.
TYP.
MAX.
UNIT
13 MHz clock timing (see Figs 22 and 24; note 5)
1
CKI HIGH time
20
−−
ns
2
CKI LOW time
20
−−
ns
3
CKI frequency (1/t13)
13
MHz
4
CLK13M HIGH to CKI HIGH delay
30
ns
5
CLK13M LOW to CKI LOW delay
30
ns
6
MMICLK HIGH to CKI HIGH delay
30
ns
7
MMICLK LOW to CKI LOW delay
30
ns
PLL lock time with respect to RSTP HIGH
−−
50
µs
32 kHz clock timing (see Figs 25 and 26; note 6)
3
CLK32K frequency
32.768
kHz
26 MHz clock timing (see Fig.23; notes 5 and 7)
1
CLK26M HIGH time
5
−−
ns
2
CLK26M LOW time
5
−−
ns
3
CLK26M frequency
26
MHz
DSP and RS232 clock timing (see Figs 27 and 28; note 6)
1
DCLK frequency; note 8
−−
39
MHz
2
DCLK HIGH time
10
−−
ns
3
DCLK LOW time
10
−−
ns
4
External RS232 Interface clock frequency -
19200 Baud (provided via ADI and selected with
SYSCON_REG[RS232_CLK] = 1)
11.0592
MHz
5
External RS232 Interface clock HIGH time
90.4
ns
6
External RS232 Interface clock LOW time
90.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com