Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083H/001/F2 Datasheet(PDF) 121 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 117Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 118Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 119Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 120Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 121Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 122Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 123Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 124Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 136 page
background image
1996 Oct 29
121
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Notes to the AC characteristics
1. Parameters are valid over the specified temperature range.
2. All voltages are measured with respect to ground (VSS). For testing all inputs swing between 0 V and VDD with a
transition time of 4 ns. All time measurements are made with input voltages of 0 V and VDD and output voltages of
0.2VDD and 0.8VDD as appropriate.
3. Test conditions for outputs: CL = 40 pF, except open-drain outputs. Test conditions for open-drain outputs:
CL = 40 pF; IL = 1.8 mA at VDD.
4. All timing diagrams should only be referred to in regard to the edge-to-edge measurements of the timing
specifications. They are not intended as a functional description of the input and output signals. Refer to the
functional description and related timing diagrams for device operation. All setup and hold times are specified with
respect to VIH and VIL. All delay times with respect to 0.5VDD. Times with only typical values are not tested during IC
production
5. For testing the AC characteristics, the low swing input CKI is driven with a square wave signal of the specified
minimum peak-to-peak input voltage swing. The typical values for additional components are: C1 = 4.7 nF,
C2 = 100 pF and R1 =10kΩ.
6. For testing the AC characteristics, the input CLK32I is driven with a standard test signal (see note 2). A typical
application for crystal operation is: R = 10 M
Ω, fQ = 32.768 kHz, C1 = 15 pF, CT = 15 pF (for crystal CL = 12.5 pF).
7. These times are guaranteed by design and are not tested during IC production.
8. DCLK internally divided-by-two to drive the DSP; tDCLKOUT = 1DCLK.
9. This time specified is when PI is empty.
10. This time specified is when PO is full.
11. Not tested in production.
12. Mode 0 and 1, or Mode 2 are selected by register settings. Refer to the functional specification.
13. The output DCL has two different cycle times depending on the DCL period number. Refer to the functional
description. The table lists the cycle times for the 1.536 MHz internal clock mode and the maximum clock frequency
in external clock mode. The minimum cycle times correspond to the 4.096 MHz external clock mode and therefore
apply to all the external clock modes.
14. The Audio Interface timing is given for the non-transparent mode. In transparent mode the IOM®-2 Interface timing
applies to the Audio Interface accordingly, refer to functional description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com