Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 3Page - ATMEL Corporation AVR32AP Datasheet HTML 4Page - ATMEL Corporation AVR32AP Datasheet HTML 5Page - ATMEL Corporation AVR32AP Datasheet HTML 6Page - ATMEL Corporation AVR32AP Datasheet HTML 7Page - ATMEL Corporation AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation AVR32AP Datasheet HTML 10Page - ATMEL Corporation AVR32AP Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 181 page
background image
7
32001A–AVR32–06/06
AVR32
2.4
Status register configuration
The Status Register (SR) is splitted into two halfwords, one upper and one lower. The lower
word contains the C, Z, N, V and Q condition code flags and the R, T and L bits, while the upper
halfword contains information about the mode and state the processor executes in.
Figure 2-2.
The Status Register high halfword.
Figure 2-3.
The Status Register low halfword.
H - Java Handle
This bit is included to support different heap types in the Java Virtual Machine. For more details,
see the Java Technical Reference manual. The bit is cleared at reset.
J - Java state
The processor is in Java state when this bit is set. The incoming instruction stream will be
decoded as a stream of Java bytecodes, not RISC opcodes. The bit is cleared at reset. This bit
should not be modified by the user as undefined behaviour may result.
DM - Debug State Mask
If this bit is set, the Debug State is masked and cannot be entered. The bit is cleared at reset,
and can both be read and written by software.
Bit 3 1
0
0
0
Bit 1 6
In te rru pt Le ve l 0 M a sk
In te rru pt Le ve l 1 M a sk
In te rru pt Le ve l 3 M a sk
In te rru pt Le ve l 2 M a sk
1
0
0
0
0
1
1
0
0
0
0
0
0
Re se rve d
FE
I0 M
GM
M1
J
D
M0
EM
I2 M
DM
-
M2
LC
1
-
In itia l va lu e
Bit n a m e
I1 M
M o d e B it 0
M o d e B it 1
H
M o d e B it 2
Re se rve d
De b u g S ta te
-
I3 M
Ja va S ta te
Exce p tio n M a s k
G lo b a l In te rru p t M a sk
D e b u g S tate M a sk
Ja va H a n d le
Re se rve d
Bit 1 5
Bit 0
Re s e rv e d
C a rry
Ze ro
Sig n
0
0
0
0
0
0
0
0
0
0
0
0
0
0
-
-
-
-
T
R
B it nam e
In itia l v a lu e
0
0
L
Q
V
N
Z
C
-
Ov e rflo w
S a tu ra tio n
-
-
-
Lo c k
R e g is ter R e m a p E n ab le
Sc ra tc h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com