Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 4 Page - ATMEL Corporation

  AVR32AP Datasheet HTML 1Page - ATMEL Corporation AVR32AP Datasheet HTML 2Page - ATMEL Corporation AVR32AP Datasheet HTML 3Page - ATMEL Corporation AVR32AP Datasheet HTML 4Page - ATMEL Corporation AVR32AP Datasheet HTML 5Page - ATMEL Corporation AVR32AP Datasheet HTML 6Page - ATMEL Corporation AVR32AP Datasheet HTML 7Page - ATMEL Corporation AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 181 page
background image
4
32001A–AVR32–06/06
AVR32
1.5
Microarchitectures
The AVR32 architecture defines different microarchitectures. This enables implementations that
are tailored to specific needs and applications. The microarchitectures provide different perfor-
mance levels at the expense of area and power consumption. The following microarchitectures
are defined:
1.5.1
AVR32A
The AVR32A microarchitecture is targeted at cost-sensitive, lower-end applications like smaller
microcontrollers. This microarchitecture does not provide dedicated hardware registers for shad-
owing of register file registers in interrupt contexts. Additionally, it does not provide hardware
registers for the return address registers and return status registers. Instead, all this information
is stored on the system stack. This saves chip area at the expense of slower interrupt handling.
Upon interrupt initiation, registers R8-R12 are automatically pushed to the system stack. These
registers are pushed regardless of the priority level of the pending interrupt. The return address
and status register are also automatically pushed to stack. The interrupt handler can therefore
use R8-R12 freely. Upon interrupt completion, the old R8-R12 registers and status register are
restored, and execution continues at the return address stored popped from stack.
The stack is also used to store the status register and return address for exceptions and scall.
Executing the rete or rets instruction at the completion of an exception or system call will pop
this status register and continue execution at the popped return address.
1.5.2
AVR32B
The AVR32B microarchitecture is targeted at applications where interrupt latency is important.
The AVR32B therefore implements dedicated registers to hold the status register and return
address for interrupts, exceptions and supervisor calls. This information does not need to be
written to the stack, and latency is therefore reduced. Additionally, AVR32B allows hardware
shadowing of the registers in the register file. The INT0 to INT3 contexts may have dedicated
versions of the registers in the register file, allowing the interrupt routine to start executing
immediately.
The scall, rete and rets instructions use the dedicated status register and return address regis-
ters in their operation. No stack accesses are performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com