Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 3 Page - ATMEL Corporation

  AVR32AP Datasheet HTML 1Page - ATMEL Corporation AVR32AP Datasheet HTML 2Page - ATMEL Corporation AVR32AP Datasheet HTML 3Page - ATMEL Corporation AVR32AP Datasheet HTML 4Page - ATMEL Corporation AVR32AP Datasheet HTML 5Page - ATMEL Corporation AVR32AP Datasheet HTML 6Page - ATMEL Corporation AVR32AP Datasheet HTML 7Page - ATMEL Corporation AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 181 page
background image
3
32001A–AVR32–06/06
AVR32
Load and store instructions have several different formats in order to reduce code size and
speed up execution:
• Load/store to an address specified by a pointer register
• Load/store to an address specified by a pointer register with postincrement
• Load/store to an address specified by a pointer register with predecrement
• Load/store to an address specified by a pointer register with displacement
• Load/store to an address specified by a small immediate (direct addressing within a small
page)
• Load/store to an address specified by a pointer register and an index register.
The register file is organized as 16 32-bit registers and includes the Program Counter, the Link
Register, and the Stack Pointer. In addition, one register is designed to hold return values from
function calls and is used implicitly by some instructions.
The AVR32 architecture defines several microarchitectures in order to capture the entire range
of applications. The microarchitectures are named AVR32A, AVR32B and so on. Different
microarchitectures are suited to different end applications, allowing the designer to select a
microarchitecture with the optimum set of parameters for a specific application.
1.3
Event handling
The AVR32 incorporates a powerful event handling scheme. The different event sources, like
“Illegal opcode” and external interrupt requests, have different priority levels, ensuring a well-
defined behavior when multiple events are received simultaneously. Additionally, pending
events of a higher priority class may preempt handling of ongoing events of a lower priority
class. Each priority class has dedicated registers to keep the return address and status register
thereby removing the need to perform time-consuming memory operations to save this
information.
There are four levels of external interrupt requests, all executing in their own context. An inter-
rupt controller does the priority handling of the external interrupts and provides the prioritized
interrupt vector to the processor core.
1.4
Java Support
The AVR32 architecture defines a Java
® hardware acceleration option, in the form of a Java Vir-
tual Machine hardware implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com