Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 17Page - ATMEL Corporation AVR32AP Datasheet HTML 18Page - ATMEL Corporation AVR32AP Datasheet HTML 19Page - ATMEL Corporation AVR32AP Datasheet HTML 20Page - ATMEL Corporation AVR32AP Datasheet HTML 21Page - ATMEL Corporation AVR32AP Datasheet HTML 22Page - ATMEL Corporation AVR32AP Datasheet HTML 23Page - ATMEL Corporation AVR32AP Datasheet HTML 24Page - ATMEL Corporation AVR32AP Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 181 page
background image
21
32001A–AVR32–06/06
AVR32
3.
Pipeline
3.1
Overview
AVR32 AP is a pipelined processor with seven pipeline stages. The pipeline has three subpipes,
namely the Multiply pipe, the Execute pipe and the Data pipe. These pipelines may execute dif-
ferent instructions in parallel. Instructions are issued in order, but may complete out of order
(OOO) since the subpipes may be stalled individually, and certain operations may use a subpipe
for several clock cycles.
The following figure shows an overview of the AVR32 AP pipeline stages.
Figure 3-1.
The AVR32 AP pipeline stages.
The following abbreviations are used in the figure:
• IF1, IF2 - Instruction Fetch 1 and 2
• ID - Instruction Decode
• IS - Instruction Issue
• A1, A2 - ALU stage 1 and 2
• M1, M2 - Multiply stage 1 and 2
• DA - Data Address calculation stage
• D - Data cache access
• WB - Writeback
3.2
Prefetch unit
The prefetch unit comprises the IF1 and IF2 pipestages, and is responsible for feeding instruc-
tions to the decode unit. The prefetch unit fetches 32 bits at a time from the instruction cache
and places them in a FIFO prefetch buffer. At the same time, one instruction, either RISC
extended or compact, or Java, is fed to the decode stage.
The instruction fetches are probed for the presence of change-of-flow instructions. If such
instructions are found, the prefetch unit will try to determine the destination of the instruction and
continue fetching instructions from there. The branch penalty will be eliminated if the prefetch
unit correctly predicts the destination of a change-of-flow instruction. When possible, the
IF2
ID
IS
A1
M1
M2
D
WB
Prefetch unit
Decode unit
ALU pipe
Multiply pipe
Load-store
pipe
DA
A2
IF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com