Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 42Page - ATMEL Corporation AVR32AP Datasheet HTML 43Page - ATMEL Corporation AVR32AP Datasheet HTML 44Page - ATMEL Corporation AVR32AP Datasheet HTML 45Page - ATMEL Corporation AVR32AP Datasheet HTML 46Page - ATMEL Corporation AVR32AP Datasheet HTML 47Page - ATMEL Corporation AVR32AP Datasheet HTML 48Page - ATMEL Corporation AVR32AP Datasheet HTML 49Page - ATMEL Corporation AVR32AP Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 181 page
background image
46
32001A–AVR32–06/06
AVR32
3.12
Interrupt latencies
The following features in AVR32 AP ensure low and deterministic interrupt latency:
• Four different interrupt levels and an NMI ensures that the user can efficiently prioritize the
interrupt sources.
• Interrupts are autovectored, allowing the CPU to jump directly to the interrupt handler.
• A shadowed interrupt context for INT3 is provided so that critical interrupt handlers can start
directly without having to stack registers.
• Interrupt handler code can be locked in the icache, and the corresponding page table
information can be locked in the TLB.
The following calculations makes the following assumptions:
• The interrupt handler code is present in the icache and fetching handler instructions does not
cause any MMU exceptions.
• The pending interrupt is of higher priority than any executing interrupts, so that it can be
handled immediately.
• Any instructions in DA or D do not cause a cache miss. Any interrupts will wait until
instructions in DA or D have left these pipeline stages. If the instruction in DA or D cause a
cache miss, the time for the cache line to be loaded so that the instruction can complete will
depend on the timing of the memory the data will be loaded from. Any time spent reloading a
cache line must be added to the maximum interrupt latency calculated below.
3.12.1
Maximum interrupt latency
The maximum interrupt latency occurs when a long-running instruction is present in DA. Any
instruction must have left DA and D before interrupt handling will commence. The latency can be
calculated as follows:
3.12.2
Minimum interrupt latency
The maximum interrupt latency can be calculated as follows:
Table 3-4.
Maximum interrupt latency
Source
Delay
Wait for the slowest instruction (ldm/stm) to leave DA and D
10
Wait for autovector target instruction to be fetched
4
TOTAL
14
Table 3-5.
Maximum interrupt latency
Source
Delay
DA and D are empty
0
Wait for autovector target instruction to be fetched
4
TOTAL
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com