Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 41Page - ATMEL Corporation AVR32AP Datasheet HTML 42Page - ATMEL Corporation AVR32AP Datasheet HTML 43Page - ATMEL Corporation AVR32AP Datasheet HTML 44Page - ATMEL Corporation AVR32AP Datasheet HTML 45Page - ATMEL Corporation AVR32AP Datasheet HTML 46Page - ATMEL Corporation AVR32AP Datasheet HTML 47Page - ATMEL Corporation AVR32AP Datasheet HTML 48Page - ATMEL Corporation AVR32AP Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 181 page
background image
45
32001A–AVR32–06/06
AVR32
3.11.1.26
Floating-point Exception
The Floating-point exception is generated when the optional Floating-Point Hardware signals
that an IEEE
® exception occurred, or when another type of error from the floating-point hardware
occurred. Unused in AVR32 AP since it has no FP hardware.
RSR_EX = SR;
RAR_EX = PC;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x2C;
3.11.1.27
Coprocessor Exception
The Coprocessor exception occurs when the addressed coprocessor does not acknowledge an
instruction. This permits software implementation of coprocessors.
RSR_EX = SR;
RAR_EX = PC;
SR[R] = 0;
SR[J] = 0;
SR[M2:M0] = B’110;
SR[EM] = 1;
SR[GM] = 1;
PC = EVBA | 0x30;
3.11.1.28
Supervisor call
Supervisor calls are signalled by the application code executing a supervisor call (scall) instruc-
tion. The scall instruction behaves differently depending on which context it is called from. This
allows scall to be called from other contexts than Application.
When the exception routine is finished, execution continues at the instruction following scall. The
rets instruction is used to return from supervisor calls.
If ( SR[M2:M0] == {B’000 or B’001} )
RAR_SUP
← PC + 2;
RSR_SUP
← SR;
PC
← EVBA | 0x100;
SR[M2:M0]
← B’001;
else
LR
Current Context
← PC + 2;
PC
← EVBA | 0x100;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com