Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 1 Page - ATMEL Corporation

  AVR32AP Datasheet HTML 1Page - ATMEL Corporation AVR32AP Datasheet HTML 2Page - ATMEL Corporation AVR32AP Datasheet HTML 3Page - ATMEL Corporation AVR32AP Datasheet HTML 4Page - ATMEL Corporation AVR32AP Datasheet HTML 5Page - ATMEL Corporation AVR32AP Datasheet HTML 6Page - ATMEL Corporation AVR32AP Datasheet HTML 7Page - ATMEL Corporation AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 181 page
background image
Feature Summary
• 32-bit load/store AVR32B RISC architecture
• 15 general-purpose 32-bit registers
• 32-bit Stack Pointer, Program Counter and Link Register reside in register file
• Fully orthogonal instruction set
• Pipelined architecture allows one instruction per clock cycle for most instructions
• Byte, half-word, word and double word memory access
• Shadowed interrupt context for INT3 and multiple interrupt priority levels
• Privileged and unprivileged modes enabling efficient and secure Operating Systems
• Full MMU allows for operating systems with memory protection
• Instruction and data caches
• Innovative instruction set together with variable instruction length ensuring industry
leading code density
• DSP extention with saturating arithmetic, and a wide variety of multiply instructions
• SIMD extention for media applications
• Dynamic branch prediction and return address stack for fast change-of-flow
• Powerful On-Chip Debug system
• Coprocessor interface
32001A–AVR32–06/06
32-bit AVR®
Microcontroller
AVR32 AP
Technical
Reference
Manual


Similar Part No. - AVR32AP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AVR32 MICROCHIP-AVR32 Datasheet
9Mb / 603P
AVR® DD Family
Rev. A - 05/2022
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
AVR32768 ATMEL-AVR32768 Datasheet
291Kb / 30P
32-Bit AVR UC3 C Series Schematic Checklist
AVR32769 ATMEL-AVR32769 Datasheet
262Kb / 11P
How to Compile the standalone AVR32 Software Framework in AVR32 Studio V2
AVR32795 ATMEL-AVR32795 Datasheet
228Kb / 22P
Using the GNU Linker Scripts on AVR UC3 Devices
More results

Similar Description - AVR32AP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
AVR 32 32-Bit Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
32-bit AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
32-bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
ATTINY20 ATMEL-ATTINY20_14 Datasheet
4Mb / 219P
8-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com