Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 14Page - ATMEL Corporation AVR32AP Datasheet HTML 15Page - ATMEL Corporation AVR32AP Datasheet HTML 16Page - ATMEL Corporation AVR32AP Datasheet HTML 17Page - ATMEL Corporation AVR32AP Datasheet HTML 18Page - ATMEL Corporation AVR32AP Datasheet HTML 19Page - ATMEL Corporation AVR32AP Datasheet HTML 20Page - ATMEL Corporation AVR32AP Datasheet HTML 21Page - ATMEL Corporation AVR32AP Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 181 page
background image
18
32001A–AVR32–06/06
AVR32
Table 2-4 shows the CONFIG1 fields.
Table 2-5.
CONFIG1 Fields
Name
Bit
Description
IMMU SZ
31:26
Not used in single-MMU systems like AVR32 AP.
DMMU SZ
25:20
Indicates the number of entries in the shared MMU in single-MMU
systems like AVR32 AP. The number of entries in the MMU equals
(DMMU SZ) + 1.
ISET
19:16
Number of sets in ICACHE
Value
Semantic
01
12
24
38
416
532
664
7128
8256
9512
10
1024
11
2048
12
4096
13
8192
14
16384
15
32768
ILSZ
15:13
Line size in ICACHE
Value
Semantic
0
No ICACHE present
14 bytes
28 bytes
316 bytes
432 bytes
564 bytes
6
128 bytes
7
256 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com