Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 59Page - ATMEL Corporation AVR32AP Datasheet HTML 60Page - ATMEL Corporation AVR32AP Datasheet HTML 61Page - ATMEL Corporation AVR32AP Datasheet HTML 62Page - ATMEL Corporation AVR32AP Datasheet HTML 63Page - ATMEL Corporation AVR32AP Datasheet HTML 64Page - ATMEL Corporation AVR32AP Datasheet HTML 65Page - ATMEL Corporation AVR32AP Datasheet HTML 66Page - ATMEL Corporation AVR32AP Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 181 page
background image
63
32001A–AVR32–06/06
AVR32
5.
Prefetch Unit
5.1
Instruction buffer
The instruction buffer is implemented as a 96-bit FIFO queue, holding 12 byte-sized entries. The
buffer can hold either Java or RISC instructions. The instruction at the front of the queue is
issued to the ID stage at each clock cycle. The buffer detects the length of this instruction, and
shifts the queue the appropriate amount. The tail of the queue is filled with instructions from the
instruction cache. Instructions are placed in the buffer as soon as the queue has vacant slots. If
the queue is empty, or the instruction at the head of the queue is only partially fetched, the ID
stage may need to stall until the entire instruction is available.
The queue can contain instructions of different length. The instruction at the front of the queue is
always assumed to be a valid, aligned and complete instruction. If this condition fails, the hard-
ware would be unable to determine the instruction boundary. This is necessary in order to
separate between instructions and decide where in the buffer an instruction starts and ends.
The instruction buffer has the following format:
Figure 5-1.
Instruction buffer.
5.1.1
Instruction buffer fill
If the instruction buffer is non-empty, fetched instructions will always reside at sequential
addresses of the instructions already in the buffer. In this case, no special concerns are taken. If
the instruction buffer has been flushed and is empty, the loaded word must be rotated in such a
way that the addressed instruction is placed at the front of the instruction queue. If the target
address is not word-aligned, the most significant bytes in the fetched word are discarded. In
order to efficiently execute branch instructions, the branch targets for extended branch target
instructions should be aligned. This will in many cases allow the target instruction to be fetched
and executed without pipeline stalls.
A dedicated fetch address adder generates addresses to fetch from the instruction cache for
sequential instruction flow.
5.1.2
Flushing of the instruction buffer
The instruction buffer is flushed in the following circumstances:
• Entry into an exception routine
• Execution of an instruction with PC as target register
• Excecution of an unpredicted branch
• Detection of a mispredicted branch
• A procedure return address is popped from the return address stack.
Instru ctio n qu eu e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com