Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 49Page - ATMEL Corporation AVR32AP Datasheet HTML 50Page - ATMEL Corporation AVR32AP Datasheet HTML 51Page - ATMEL Corporation AVR32AP Datasheet HTML 52Page - ATMEL Corporation AVR32AP Datasheet HTML 53Page - ATMEL Corporation AVR32AP Datasheet HTML 54Page - ATMEL Corporation AVR32AP Datasheet HTML 55Page - ATMEL Corporation AVR32AP Datasheet HTML 56Page - ATMEL Corporation AVR32AP Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 181 page
background image
53
32001A–AVR32–06/06
AVR32
4.2.2.2
TLB Entry Register Low Part - TLBELO
The content of the TLBEHI and TLBELO registers is loaded into the TLB when the tlbw instruc-
tion is executed. None of the fields in TLBELO are altered by hardware. The TLBELO register
consists of the following fields:
• PFN - Physical Frame Number to which the VPN is mapped. This field contains 22 bits, but
the number of bits used depends on the page size. A page size of 1 Kb requires 22 bits, while
larger page sizes require fewer bits. When preparing to write an entry into the TLB, the
physical frame number of the entry to write should be written into PFN.
• C - Cacheable. Set if the page is cacheable, cleared otherwise.
• G - Global bit used in the address comparison in the TLB lookup. If the MMU is operating in
the Private Virtual Memory mode and the G bit is set, the ASID won’t be used in the TLB
lookup.
• B - Bufferable. Set if the page is bufferable, cleared otherwise.
• AP - Access permissions specifying the privilege requirements to access the page. The
following permissions can be set, see Table 4-2:
• SZ - Size of the page. The following page sizes are provided, see Table 4-3:
• D - Dirty bit. Set if the page has been written to, cleared otherwise. If the memory access is a
store and the D bit is cleared, an Initial Page Write exception is raised.
• W - Write through. If set, a write-through cache update policy should be used. Write-back
should be used otherwise. The bit is ignored if the cache only supports write-through or write-
back.
Table 4-2.
Access permissions implied by the AP bits
AP[2:0]
Privileged mode
Unprivileged mode
000
Read
None
001
Read / Execute
None
010
Read / Write
None
011
Read / Write / Execute
None
100
Read
Read
101
Read / Execute
Read / Execute
110
Read / Write
Read / Write
111
Read / Write / Execute
Read / Write / Execute
Table 4-3.
Page sizes implied by the SZ bits
SZ[1:0]
Page size
Bits used in VPN
Bits used in PFN
00
1 Kb
TLBEHI[31:10]
TLBELO[31:10]
01
4 Kb
TLBEHI[31:12]
TLBELO[31:12]
10
64 Kb
TLBEHI[31:16]
TLBELO[31:16]
11
1 Mb
TLBEHI[31:20]
TLBELO[31:20]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com