Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 52Page - ATMEL Corporation AVR32AP Datasheet HTML 53Page - ATMEL Corporation AVR32AP Datasheet HTML 54Page - ATMEL Corporation AVR32AP Datasheet HTML 55Page - ATMEL Corporation AVR32AP Datasheet HTML 56Page - ATMEL Corporation AVR32AP Datasheet HTML 57Page - ATMEL Corporation AVR32AP Datasheet HTML 58Page - ATMEL Corporation AVR32AP Datasheet HTML 59Page - ATMEL Corporation AVR32AP Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 181 page
background image
56
32001A–AVR32–06/06
AVR32
The MMU has a 4-entry micro-ITLB, and an 8 entry micro-DTLB connected to the caches. The
caches use the micro-TLBs directly for look-ups. If the desired entry is not found in the small
micro-TLB, the larger common TLB is searched. If the entry is found in the common TLB, it is
copied into the desired micro-TLB and the access is performed. Otherwise, a page miss excep-
tion is issued.
The use of micro-TLBs is completely transparent to the user. Hardware is responsible for replac-
ing entries in the micro-TLB with entries found in the main TLB. Small micro-TLBs are used in
order to increase clock frequency, since performing a look-up in a large TLB is slower than for a
small TLB. If an access misses in the micro-TLB, a clock cycle penalty is imposed for performing
a look-up in the large TLB.
4.2.5
Translation process
The translation process maps addresses from the virtual address space to the physical address
space. The addresses are generated as shown in Table 4-5, depending on the page size
chosen:
Table 4-5.
Physical address generation
Page size
Physical address
1 Kb
PFN[31:10], VA[9:0]
4 Kb
PFN[31:12], VA[11:0]
64 Kb
PFN[31:16], VA[15:0]
1 Mb
PFN[31:20], VA[19:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com