Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 44Page - ATMEL Corporation AVR32AP Datasheet HTML 45Page - ATMEL Corporation AVR32AP Datasheet HTML 46Page - ATMEL Corporation AVR32AP Datasheet HTML 47Page - ATMEL Corporation AVR32AP Datasheet HTML 48Page - ATMEL Corporation AVR32AP Datasheet HTML 49Page - ATMEL Corporation AVR32AP Datasheet HTML 50Page - ATMEL Corporation AVR32AP Datasheet HTML 51Page - ATMEL Corporation AVR32AP Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 181 page
background image
48
32001A–AVR32–06/06
AVR32
4.
Virtual memory
The AVR32 architecture uses virtual memory in order to support operating systems and large
memory spaces efficiently. Virtual memory simplifies execution of multiple processes and allows
allocation of privileges to different sections of the memory space.
The AVR32 architecture specifies a 32-bit virtual memory space. This virtual space can be
mapped to a 32-bit physical space. How this memory space is used and mapped is defined by
bus controllers and memory controllers on the outside of AVR32 AP.
4.1
Memory map
The memory map has six different segments, named P0 through P4, and U0. The P-segments
are accessible in the privileged modes, while the U-segment is accessible in the unprivileged
mode.
The virtual memory map is specified below.
Figure 4-1.
The AVR32 virtual memory space
Both the P1 and P2 segments are default segment translated to the physical address range
0x00000000 to 0x1FFFFFFF. The mapping between virtual addresses and physical addresses
is therefore implemented by clearing of MSBs in the virtual address. The difference between P1
and P2 is that P1 is cached, while P2 is uncached. Because P1 and P2 are segment translated
and not page translated, code for initialization of MMUs and exception vectors are located in
these segments. P1, being cacheable, offers higher performance than P2.
The P3 space is also by default segment translated to the physical address range 0x00000000
to 0x1FFFFFFF. By enabling and setting up the MMU, the P3 space becomes page translated.
Page translation will override segment translation.
The P4 space is intended for memory mapping special system resources like peripheral mod-
ules. This segment is non-cacheable, non-translated.
2GB translated space
Cacheable
512MB system space,
non-cacheable
512MB translated space,
cacheable
512MB non-translated
space, non-cacheable
512MB non-translated
space, cacheable
Unaccessible space
Access error
2GB translated space
Cacheable
0x00000000
0x80000000
0xA0000000
0xC0000000
0xE0000000
0xFFFFFFFF
Privileged Modes
Unprivileged Mode
0x00000000
0x80000000
0xFFFFFFFF
P0
P1
P2
P3
P4
U0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com